Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM258D Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM258D
Description  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM258D Datasheet(HTML) 3 Page - ON Semiconductor

  LM258D Datasheet HTML 1Page - ON Semiconductor LM258D Datasheet HTML 2Page - ON Semiconductor LM258D Datasheet HTML 3Page - ON Semiconductor LM258D Datasheet HTML 4Page - ON Semiconductor LM258D Datasheet HTML 5Page - ON Semiconductor LM258D Datasheet HTML 6Page - ON Semiconductor LM258D Datasheet HTML 7Page - ON Semiconductor LM258D Datasheet HTML 8Page - ON Semiconductor LM258D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM358, LM258, LM2904, LM2904A, LM2904V, NCV2904
http://onsemi.com
3
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
LM258
LM358
LM2904, LM2904A
LM2904V, NCV2904
Unit
Power Supply Voltages
Vdc
Single Supply
VCC
32
26
Split Supplies
VCC, VEE
±16
±13
Input Differential Voltage Range (Note 1)
VIDR
±32
±26
Vdc
Input Common Mode Voltage Range (Note 2)
VICR
–0.3 to 32
–0.3 to 26
Vdc
Output Short Circuit Duration
tSC
Continuous
Junction Temperature
TJ
150
°C
Thermal Resistance, Junction–to–Air (Note 3)
RqJA
238
°C/W
Storage Temperature Range
Tstg
–55 to +125
°C
ESD Tolerance – Human Body Model (Note 4)
–
2000
V
Operating Ambient Temperature Range
TA
°C
LM258
–25 to +85
–
LM358
0 to +70
–
LM2904/LM2904A
–
–40 to +105
LM2904V, NCV2904 (Note 5)
–
–40 to +125
1. Split Power Supplies.
2. For Supply Voltages less than 32 V for the LM258/358 and 26 V for the LM2904, A, V, the absolute maximum input voltage is equal to the
supply voltage.
3. RqJA for Case 846A.
4. ESD data available upon request.
5.
NCV2904 is qualified for automotive use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com