Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WR20W100_FQL Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR20W100_FQL
Description  Thick Film Power Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR20W100_FQL Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  WR20W100_FQL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FQL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FQL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FQL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FQL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FQL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FQL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Approval sheet
Page 6 of 7
WR18-20-25X(W)_V17
DEC - 2016
TEST AND REQUIREMENTS(JIS C 5201-1 : 1998)
Essentially all tests are carried out according to the schedule of IEC publication 115-8, category LCT/UCT/56 (rated
temperature range : Lower Category Temperature, Upper Category Temperature; damp heat, long term, 56 days). The
testing also meets the requirements specified by EIA, EIAJ and JIS.
The tests are carried out in accordance with IEC publication 68, "Recommended basic climatic and mechanical robustness
testing procedure for electronic components" and under standard atmospheric conditions according to IEC 60068-1,
subclause 5.3. Unless otherwise specified, the following value supplied :
Temperature: 15°C to 35°C.
Relative humidity: 45% to 75%.
Air pressure: 86kPa to 106 kPa (860 mbar to 1060 mbar).
All soldering tests are performed with midly activated flux.
TEST
PROCEDURE
REQUIREMENT
DC resistance
Clause 4.5
DC resistance values measured at the test voltages specified below :
<10
@0.1V,<100@0.3V, <1K@1.0V, <10K@3V,
<100K
@10V, <1M@25V, <10M@30V
Within the specified
tolerance
Temperature
Coefficient of
Resistance(T.C.R)
Clause 4.8
Natural resistance change per change in degree centigrade.
6
1
2
1
1
2
10
t
t
R
R
R
(ppm/
C) t
1 : 20°C+5°C-1°C
R1 : Resistance at reference temperature
R2 : Resistance at test temperature
Refer to
“QUICK REFERENCE
DATA”
Short time overload
(S.T.O.L) Clause
Clause 4.13
Permanent resistance change after a 5second application of a voltage
2.5 times RCWV or the maximum overload voltage specified in the
above list, whichever is less.
R/R max. ±(2%+0.1)
Resistance to
soldering heat(R.S.H)
Clause 4.18
Un-mounted chips completely immersed for 10±1second in a SAC
solder bath at 260℃±5ºC
no visible damage
 R/R max. ±(1%+0.05)
Solderability
Clause 4.17
Un-mounted chips completely immersed for 2±0.5 second in a SAC
solder bath at 235℃±5℃
good tinning (>95%
covered)
no visible damage
Temperature cycling
Clause 4.19
30 minutes at -55
C3C, 2~3 minutes at 20°C+5°C-1°C, 30 minutes
at +155
C3C, 2~3 minutes at 20°C+5°C-1°C, total 5 continuous
cycles
no visible damage
R/R max. ±(1%+0.05)
Load life (endurance)
Clause 4.25
1000 +48/-0 hours, loaded with RCWV or Vmax in chamber controller
70±2ºC, 1.5 hours on and 0.5 hours off
R/R max. (3%+0.1)
Load life in Humidity
Clause 4.24
1000 +48/-0 hours, loaded with RCWV or Vmax in humidity chamber
controller at 40
C2C and 90~95% relative humidity, 1.5hours on and
0.5 hours off
R/R max. (3%+0.1)
Bending strength
Clause 4.33
Resistors mounted on a 90mm glass epoxy resin PCB(FR4);
bending : 2 mm, once for 10 seconds
R/R max. ±(1%+0.05)
Adhesion
Clause 4.32
Pressurizing force: 5N, Test time: 10±1sec.
No remarkable damage or
removal of the terminations
Insulation Resistance
Clause 4.6
Apply the maximum overload voltage (DC) for 1minute
R≧10GΩ
Dielectric Withstand
Voltage
Clause 4.7
Apply the maximum overload voltage (AC) for 1 minute
No breakdown or flashover



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com