Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2948940 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2948940
Description  Solid-state relay module - EMG 10-OE-120AC/ 48DC/100
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2948940 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2948940 Datasheet HTML 1Page - PHOENIX CONTACT 2948940 Datasheet HTML 2Page - PHOENIX CONTACT 2948940 Datasheet HTML 3Page - PHOENIX CONTACT 2948940 Datasheet HTML 4Page - PHOENIX CONTACT 2948940 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/products/2948940
10/22/2014   Page 3 / 5
Solid-state relay module - EMG 10-OE-120AC/ 48DC/100 - 2948940
Technical data
General
Test voltage input/output
3.5 kV AC
3.5 kV AC
Mounting position
any
Assembly instructions
In rows with zero spacing
Operating mode
100% operating factor
Inflammability class according to UL 94
V0
Standards/regulations
IEC 60664
EN 50178
IEC 62103
Rated surge voltage / insulation
Basic insulation
Pollution degree
2
Surge voltage category
III
Classifications
eCl@ss
eCl@ss 4.0
27371102
eCl@ss 4.1
27371102
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371001
ETIM
ETIM 2.0
EC001504
ETIM 3.0
EC001504
ETIM 4.0
EC001504
ETIM 5.0
EC001504
UNSPSC
UNSPSC 6.01
30211916
UNSPSC 7.0901
39121542
UNSPSC 11
39121542
UNSPSC 12.01
39121542
UNSPSC 13.2
39121542
Drawings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com