Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931ACT Datasheet(PDF) 7 Page - ON Semiconductor

Part # LM2931ACT
Description  LOW DROPOUT VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931ACT Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LM2931ACT Datasheet HTML 3Page - ON Semiconductor LM2931ACT Datasheet HTML 4Page - ON Semiconductor LM2931ACT Datasheet HTML 5Page - ON Semiconductor LM2931ACT Datasheet HTML 6Page - ON Semiconductor LM2931ACT Datasheet HTML 7Page - ON Semiconductor LM2931ACT Datasheet HTML 8Page - ON Semiconductor LM2931ACT Datasheet HTML 9Page - ON Semiconductor LM2931ACT Datasheet HTML 10Page - ON Semiconductor LM2931ACT Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LM2931 Series
7
MOTOROLA ANALOG IC DEVICE DATA
VO, OUTPUT VOLTAGE (V)
1.160
1.180
1.200
1.220
1.240
0
3.0
6.0
9.0
12
15
18
21
24
18.5
14
t, TIME (10
µs/DIV)
Vout = 5.0 V
RL = 500 Ω
CO = 100 µF
CO(ESR) = 0.3 Ω
TA = 25°C
100
0
t, TIME (10
µs/DIV)
VO, OUTPUT VOLTAGE (V)
2.0
2.1
2.2
0
3.0
6.0
9.0
12
15
18
21
24
Output “On”
Output “Off”
2.4
2.5
2.6
2.3
LM2931C Adjustable
IO = 10 mA
Vin = Vout + 1.0 V
TA = 25°C
Vin = 14 V
Vout = 5.0 V
Cin = 1000 µF
CO = 100 µF
CO(ESR) = 0.3 Ω
TA = 25°C
LM2931C Adjustable
IO = 10 mA
Vin = Vout + 1.0 V
TA = 25°C
Figure 13. Line Regulation
Figure 14. Load Regulation
Figure 15. Reference Voltage versus Output Voltage
Figure 16. Output Inhibit–Thresholds
versus Output Voltage
APPLICATIONS INFORMATION
The LM2931 series regulators are designed with many
protection features making them essentially blow–out proof.
These features include internal current limiting, thermal
shutdown, overvoltage and reverse polarity input protection,
and the capability to withstand temporary power–up with
mirror–image insertion. Typical application circuits for the
fixed and adjustable output device are shown in Figures 17
and 18.
The input bypass capacitor Cin is recommended if the
regulator is located an appreciable distance (
≥ 4″) from the
supply input filter. This will reduce the circuit’s sensitivity to
the input line impedance at high frequencies.
This regulator series is not internally compensated and
thus requires an external output capacitor for stability. The
capacitance value required is dependent upon the load
current, output voltage for the adjustable regulator, and the
type of capacitor selected. The least stable condition is
encountered at maximum load current and minimum output
voltage. Figure 22 shows that for operation in the “Stable”
region, under the conditions specified, the magnitude of the
output capacitor impedance |ZO| must not exceed 0.4 Ω. This
limit must be observed over the entire operating temperature
range of the regulator circuit.
With economical electrolytic capacitors, cold temperature
operation can pose a serious stability problem. As the
electrolyte freezes, around – 30
°C, the capacitance will
decrease and the equivalent series resistance (ESR) will
increase drastically, causing the circuit to oscillate. Quality
electrolytic capacitors with extended temperature ranges of
–40
° to +85°C and –55° to +105°C are readily available.
Solid tantalum capacitors may be a better choice if small size
is a requirement, however, the maximum
ZO limit over
temperature must be observed.
Note that in the stable region, the output noise voltage is
linearly proportional to
ZO. In effect, CO dictates the high
frequency roll–off point of the circuit. Operation in the area
titled “Marginally Stable” will cause the output of the regulator
to exhibit random bursts of oscillation that decay in an
under–damped fashion. Continuous oscillation occurs when
operating in the area titled “Unstable”. It is suggested that
oven testing of the entire circuit be performed with maximum
load, minimum input voltage, and minimum ambient
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com