Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3446-SS Datasheet(PDF) 1 Page - RAF ELECTRONIC HARDWARE

Part # M3446-SS
Description  WASHER FACE THUMB SCREWS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAF [RAF ELECTRONIC HARDWARE]
Direct Link  http://www.rafhdwe.com/
Logo RAF - RAF ELECTRONIC HARDWARE

M3446-SS Datasheet(HTML) 1 Page - RAF ELECTRONIC HARDWARE

  M3446-SS Datasheet HTML 1Page - RAF ELECTRONIC HARDWARE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This Drawing is the Property of RAF.
It contains confidential, proprietary
information that is RAF property. Do
not disclose to or duplicate for others
except as authorized by RAF.
TOLERANCES
ALL DIMENSIONS ARE INCHES
(UNLESS OTHERWISE SPECIFIED)
METALLIC
LENGTHS </=: 6 INCHES ± 0.005
LENGTH >: 6 INCHES ±0.010
DIAMETERS: ±0.005
NON-METALLIC
LENGTH: ±0.010 DIAMETERS: ± 0.010
INTERNAL THREADS:
MINIMUM THREAD DEPTH
SCALE
SHEET
1 of 1
REV
DATE
DRN
CHK
CHANGE
SJ
T
Drawn
0.197 0.02
5.00 0.5
[
]
0.354 0.020
9.00 0.5
[
]
0.374 0.03
9.50 0.8
[
]
0.669 0.02
17.00 0.5
[
]
0.433+0.02
-0.00
11.00+0.5
0
[
]
WASHER FACE THUMB SCREWS
M3446-SS
3.80
95 Silvermine Rd.,Seymour CT 06483
Tel: 203-888-2133, Fax: 203-888-9860
02/23/17
COMPONENT
THUMB SCREWS
NOTES:
1. Material : Stainless Steel
2. Finish : No Plate
3. ASME Y14.5M - 2009
4. All Drawing Dimensions are in Inches [mm]
5. Unless otherwise specified; Edge Breaks,
Radii or Countersinks 0.005-0.015
0.031 [0.8] R.
DIAMOND
KNURL
0.4x45 (x2)
CHAMFER
M4x0.7
THREAD


Similar Part No. - M3446-SS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3446 ETC2-M3446 Datasheet
293Kb / 2P
Straight-Thru, PG Hubs with Integral Sealing Ring
logo
Heyco.
M3446 HEYCO-M3446 Datasheet
268Kb / 1P
Tite Liquid Tight Cordgrips
More results

Similar Description - M3446-SS

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
7100-SS RAF-7100-SS Datasheet
134Kb / 1P
WASHER FACE THUMB SCREWS
7103-AL RAF-7103-AL Datasheet
136Kb / 1P
WASHER FACE THUMB SCREWS
7103-SS RAF-7103-SS Datasheet
136Kb / 1P
WASHER FACE THUMB SCREWS
7105-SS RAF-7105-SS Datasheet
147Kb / 1P
WASHER FACE THUMB SCREWS
7109-SS RAF-7109-SS Datasheet
137Kb / 1P
WASHER FACE THUMB SCREWS
7110-SS RAF-7110-SS Datasheet
149Kb / 1P
WASHER FACE THUMB SCREWS
7112-SS RAF-7112-SS Datasheet
145Kb / 1P
WASHER FACE THUMB SCREWS
M3440-SS RAF-M3440-SS Datasheet
131Kb / 1P
WASHER FACE THUMB SCREWS
M3442-SS RAF-M3442-SS Datasheet
135Kb / 1P
WASHER FACE THUMB SCREWS
M3448-SS RAF-M3448-SS Datasheet
134Kb / 1P
WASHER FACE THUMB SCREWS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com