Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7100PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPR
Description  Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPR Datasheet(HTML) 1 Page - Texas Instruments

  UCD7100PWPR Datasheet HTML 1Page - Texas Instruments UCD7100PWPR Datasheet HTML 2Page - Texas Instruments UCD7100PWPR Datasheet HTML 3Page - Texas Instruments UCD7100PWPR Datasheet HTML 4Page - Texas Instruments UCD7100PWPR Datasheet HTML 5Page - Texas Instruments UCD7100PWPR Datasheet HTML 6Page - Texas Instruments UCD7100PWPR Datasheet HTML 7Page - Texas Instruments UCD7100PWPR Datasheet HTML 8Page - Texas Instruments UCD7100PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
TYPICAL APPLICATION DIAGRAMS
14
12
8
OUT
CS
3
4
2
5
6
3V3
AGND
IN
CLF
ILIM
UCD7100PWP
Bias
Winding
VIN
VOUT
VDD
2
Isolation
Amplifier
PWMB
INT
Digital Controller
PWMA
VDD
AN2
AN3
AN1
AGND
Communication
UCD7100
SLUS651A – MARCH 2005 – REVISED MAY 2005
Digital Control Compatible Single Low-Side
±4-A MOSFET Driver with Current Sense
•
Adjustable Current Limit Protection
The UCD7100 is a member of the UCD7K family of
digital control compatible drivers for applications
•
3.3-V, 10-mA Internal Regulator
utilizing digital control techniques or applications re-
•
DSP/µC Compatible Inputs
quiring fast local peak current limit protection.
•
Single
±4-A TrueDrive™ High Current Driver
The UCD7100 is a low-side
±4-A high-current
•
10-ns Typical Rise and Fall Times with 2.2-nF
MOSFET gate driver. It allows the digital power
Loads
controllers
such
as
UCD9110
or
UCD9501
to
•
25-ns Input-to-Output Propagation Delay
interface to the power stage in single ended top-
ologies. It provides a cycle-by-cycle current limit
•
25-ns Current Sense to Output Delay
function with programmable threshold and a digital
•
Programmable Current Limit Threshold
output current limit flag which can be monitored by
•
Digital Output Current Limit Flag
the host controller. With a fast 25-ns cycle-by-cycle
current limit protection, the driver can turn off the
•
4.5-V to 15-V Supply Voltage Range
power stage in the unlikely event that the digital
•
Rated from -40
°C to 105°C
system can not respond to a failure situation in time.
•
Lead(Pb)-Free Packaging
For fast switching speeds, the UCD7100 output stage
uses the TrueDrive™ output architecture, which de-
livers rated current of
±4 A into the gate of a
•
Digitally Controlled Power Supplies
MOSFET during the Miller plateau region of the
•
DC/DC Converters
switching transition. It also includes a 3.3-V, 10-mA
•
Motor Controllers
linear regulator to provide power to the digital control-
ler.
•
Line Drivers
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TrueDrive, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCD7100PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100PWPR TI1-UCD7100PWPR Datasheet
813Kb / 26P
Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100PWPR TI1-UCD7100PWPR Datasheet
1Mb / 31P
Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
UCD7100PWPR TI-UCD7100PWPR Datasheet
1Mb / 30P
UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100PWPR TI2-UCD7100PWPR Datasheet
1Mb / 31P
UCD7100 Digital Control Compatible Single Low-Side ±4-A MOSFET Driver with Current Sense
REVISED NOVEMBER 2021
UCD7100PWPR.A TI2-UCD7100PWPR.A Datasheet
1Mb / 31P
UCD7100 Digital Control Compatible Single Low-Side ±4-A MOSFET Driver with Current Sense
REVISED NOVEMBER 2021
More results

Similar Description - UCD7100PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7201 TI-UCD7201 Datasheet
405Kb / 20P
Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
UCD7231 TI1-UCD7231 Datasheet
792Kb / 31P
Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
UCD7100 TI1-UCD7100_12 Datasheet
813Kb / 26P
Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7201 TI1-UCD7201_13 Datasheet
938Kb / 25P
Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7100 TI1-UCD7100_15 Datasheet
1Mb / 31P
UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7201 TI1-UCD7201_15 Datasheet
1Mb / 30P
UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7100 TI1-UCD7100_17 Datasheet
1Mb / 31P
Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
UCD7100 TI-UCD7100_V01 Datasheet
1Mb / 30P
UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com