Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WW08RR010JTL Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW08RR010JTL
Description  Metal Low Ohm Power Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW08RR010JTL Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WW08RR010JTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WW08RR010JTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Approval sheet
Page 3 of 10
ASC_WW06 08 12R_V09
FEB - 2017
QUICK REFERENCE DATA
Item
General Specification
Series No.
WW06R
WW08R
WW12R
Size code
0603 ( 1608 )
0805 ( 2012 )
1206 (3216)
Resistance Tolerance
5% , 1%
Resistance Range
5, 10mΩ
2, 3, 4, 5, 6, 7, 8, 9 10mΩ,
1 ~ 15 mΩ
TCR (ppm/
C)
±70 ppm/
C
Max. power at Tamb=70C
1/3 W
1/2 W
1W
Max. Operation Current
(DC or RMS)
8.1A, 5.7A
7A ~ 15.8A
31.6A ~ 8.2A
Operation temperature
-55 ~ +155’C
Note : Max. Operation Current : So called RCWC (Rated Continuous Working Current) is determined by
Value
Resistance
Power /
Rated
RCWC 
listed above.
MECHANICAL DATA
Unit: mm
Type
Size (inch)
Resistance
L (mm)
W (mm)
H (mm)
c (mm)
d (mm)
WW06R
0603
5mΩ
1.60±0.10
0.80±0.10
0.33±0.10
0.20±0.10
0.50±0.10
10
mΩ
0.30±0.10
0.20±0.10
0.30±0.10
WW08R
0805
2
mΩ
2.0±0.15
1.25±0.15
0.22±0.10
0.35±0.10
0.55±0.20
3
mΩ
0.45±0.10
0.35±0.10
0.75±0.20
4
mΩ
0.35±0.10
0.35±0.10
0.75±0.20
5
mΩ
0.35±0.10
0.35±0.10
0.60±0.20
6
mΩ
0.35±0.10
0.35±0.10
0.47±0.20
7
mΩ
0.22±0.10
0.35±0.10
0.75±0.20
8
mΩ
0.22±0.10
0.35±0.10
0.60±0.20
9
mΩ
0.22±0.10
0.35±0.10
0.52±0.20
10
mΩ
0.22±0.10
0.30±0.10
0.47±0.20
WW12R
1206
1m
Ω
3.2±0.15
1.60±0.15
0.32±0.10
1.10±0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com