Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WW08RR010FQL Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW08RR010FQL
Description  Metal Low Ohm Power Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW08RR010FQL Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  WW08RR010FQL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW08RR010FQL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW08RR010FQL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW08RR010FQL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW08RR010FQL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW08RR010FQL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW08RR010FQL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW08RR010FQL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WW08RR010FQL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Approval sheet
Page 4 of 10
ASC_WW06 08 12R_V09
FEB - 2017
2m
Ω
0.32±0.10
0.50±0.25
3m
Ω
0.35±0.10
0.70±0.25
1.30±0.25
4m
Ω
0.35±0.10
1.10±0.25
5m
Ω
0.35±0.10
1.00±0.25
6
mΩ
0.35±0.1
0.80±0.25
7
mΩ
0.35±0.1
0.70±0.25
8m
Ω
0.35±0.1
0.50±0.25
9
mΩ
0.28±0.1
0.55±0.25
10m
Ω
0.28±0.1
0.50±0.25
11m
Ω
0.22±0.1
0.80±0.25
12m
Ω
0.22±0.1
0.70±0.25
13m
Ω
0.22±0.1
0.60±0.25
14m
Ω
0.22±0.1
0.55±0.25
15mΩ
0.22±0.1
0.50±0.25
MARKING
WW12R/WW08R each resistor is marked with a 2-digit code with underline on the protective coating to
designate the nominal resistance value. WW06R has no marking!
Example:
05 = 0.005
10 = 0.010
FUNCTIONAL DESCRIPTION
Derating curve
The power that the resistor can dissipate depends on the operating temperature; see Fig.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com