Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WW25RR010FTLJ Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW25RR010FTLJ
Description  Metal plate low ohm power chip resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW25RR010FTLJ Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  WW25RR010FTLJ Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Approval sheet
Page 6 of 7
ASC_WW25R_J_AUTO_V01
JULY -2015
TEST AND REQUIREMENTS
TEST
PROCEDURE
REQUIREMENT
High temperature exposure
MIL-STD-202-108
Ambient temperature 155
±2°C, no load, 1000 hrs
no visible damage
∆R/R max. ±3%
Temperature cycling
JESD22 JA-104
1.
30 minutes at -55
°C±3°C,
2.
2~3 minutes at room temperature,
3.
30 minutes at +125
°±3°C,
4.
2~3 minutes at room temperature,
Total 1000 continuous cycles
no visible damage
∆R/R max. ±1%
Bias Humidity
MIL-STD-202-103
Condition
: 85°C & 85% R.H.
Test power
: 10% of rated power shall be applied
continuously. Duration 1000hrs
no visible damage
∆R/R max. ±3%
Operational Life
MIL-STD-202-108
Ambient temperature: 125±2ºC
The applied voltage shall be the voltage to be
calculated at 35% of rated dissipation or the
limiting
element
voltage
whichever
is
the
smaller.
Condition: The voltage shall be applied continuously.
Duration: 1000 hrs
no visible damage
∆R/R max. ±3%
Dimension
JESD22 Method JB-100
Meet dimension spec as
defined in p.3
Resistance to Solvents
MIL-STD-202-215
Solvent: 2−propanol at 25℃
Immersion time: 3 min
Brush: 10 times brushing
Immersion and brush cycle: 3cycle
∆R/R: max ±1%
No visible damage
Mechanical Shock
MIL-STD-202-213
Waveform:
half sine,
Peak value
100G,
Normal duration
6ms
Condition: XX'YY'ZZ', 10times each
∆R/R: max. ±1%
No visible damage
Vibration
MIL-STD-202-204
Peak acceleration and Sweep time:
5 g's for 20
min , Frequency 10Hz to 2000Hz,
Condition: 12 cycles each of 3 orientations
∆R/R: max ±1%
No visible damage
Resistance to soldering heat
MIL-STD-202-210
Un-mounted chips 10±0.5 seconds, 260±5ºC
∆R/R: max ±1%
No visible damage
ESD test
AEC Q200-002
Human body model, 2 Kohm, 150 pF,
Test voltage: 8KV
∆R/R: max ±1%
No visible damage
Solderability
J-STD-002
a)4hrs / 155℃*dry then solder dipping 235℃/5sec
b)Steam 8 hrs then 215℃ / 5sec solder dipping
c)Steam 8 hrs then 260℃ / 7sec solder dipping
good tinning (>95%
covered)
no visible damage
Bending strength
AEC Q200-005
Bending 2mm for 60 seconds.
∆R/R: max ±1%
No visible damage
Adhesion
AEC Q200-006
Pressurizing force: 17.7N, Test time: 60±1s.
∆R/R: max ±1%
No visible damage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com