Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLV_VH Datasheet(PDF) 21 Page - WALSIN TECHNOLOGY CORPORATION

Part # MLV_VH
Description  For ESD Protection at High Speed Application
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MLV_VH Datasheet(HTML) 21 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MLV_VH Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Approval sheet
Page 7 of 7
ASC_VH0603 Green Series- V08
Aug.2018
CAUTION OF HANDLING
Limitation of Applications
Please contact us before using our products for the applications listed below which require especially high
reliability for the prevention of defects, which might directly cause damage to the third party’s life, body or
property.
(1) Aircraft equipment
(2) Aerospace equipment
(3) Undersea equipment
(4) Medical equipment
(5) Traffic signal equipment
(6) Applications of similar complexity and /or reliability requirements to the applications listed in the
above.
Storage condition
(1) Products should be used in 6 months from the day of WALSIN outgoing inspection, which can be
confirmed.
(2) Storage environment condition.
Products should be storage in the warehouse on the following conditions.
Temperature
: -10 to +40
C
Humidity
: 30 to 70% relative humidity
Don’t keep products in corrosive gases such as sulfur. Chlorine gas or acid or it may cause
oxidization of electrode, resulting in poor solderability.
Products should be storage on the palette for the prevention of the influence from humidity,
dust and son on.
Products should be storage in the warehouse without heat shock, vibration, direct sunlight and
so on.
Products should be storage under the airtight packaged condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com