Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLV_VZ Datasheet(PDF) 39 Page - WALSIN TECHNOLOGY CORPORATION

Part # MLV_VZ
Description  MULTILAYER CHIP VARISTOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MLV_VZ Datasheet(HTML) 39 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MLV_VZ Datasheet HTML 35Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 36Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 37Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 38Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 39Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 40Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 41Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 42Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 43Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Approval sheet
Page 4 of 7
ASC_VZ1812 Green Series- V1
Aug. 2018
Chip varistor
SPECIFICATION
1.
Electrical Reliability
Test item
Test condition / Test method
Specification
High temperature storage
+125±3℃ for 1000 hours
Measurement to be made after keeping at room temp. for 24 ±2hr
△V at 1mA < 10%
Low temperature storage
-40±3℃ for 1000 hours
Measurement to be made after keeping at room temp. for 24 ±2h
△V at 1mA < 10%
Humidity storage
40±2℃ , 90 ~95%RH for 500 hours
Measurement to be made after keeping at room temp. for 24 ±2h
△V at 1mA < 10%
Temperature cycles
Times:5 cycles
Step
Temp.(℃)
Time(min.)
1
-55±3
30±3
2
room temp.
2~3
3
+125±3℃
30±2
4
room temp.
2~3
Measurement to be made after keeping axt room temp. for 24 ±2h
△V at 1mA < 10%
2.
Mechanical Reliability
Test item
Test condition / Test method
Specification
Solderability
Solder temp.:230±5
C
Immersion time:2±0.5 sec
Immersion and emersion rates:25mm/s
Min 90% electrode shall
be covered with solder.
Resistance to Soldering Heat
Pre-heating:120~ 150℃ , 60 sec
Solder temp.:260±5
C
Immersion time:10±1 sec
Measurement to be made after keeping at room temp. for 24 ±2h
△V at 1mA < 10%
Disappearance of
electrode due to
immersion into solder
shall not exceed 25% of
edges of each
electrode.
Adhesive Strength of
Termination
Solder chip on PCB and applied
0805/1206/1210/1812/2220 Series: 10N(1Kgf) for 10 sec
No visible damage
0402/0603 Series: 5N(0.5Kgf) for 10 sec
Vibration
Solder chip on PCB.
Frequency:10 Hz~55 Hz~10 Hz (1min)
Oscillation amplitude:1.5 mm
Times:2 hrs in each of three perpendicular direction
No visible damage
Bending Test
The middle part of substrate shall be pressurized by means of the
pressurizing rod at a rate of 1mm per second until the deflection becomes 1
mm and then the pressure shall be maintained for 5 sec..
No visible damage
△V at 1mA < 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com