Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS358S Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # RS358S
Description  Low Power Dual Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

RS358S Datasheet(HTML) 1 Page - Princeton Technology Corp

  RS358S Datasheet HTML 1Page - Princeton Technology Corp RS358S Datasheet HTML 2Page - Princeton Technology Corp RS358S Datasheet HTML 3Page - Princeton Technology Corp RS358S Datasheet HTML 4Page - Princeton Technology Corp RS358S Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RS358
Low Power Dual Operational Amplifiers
Tel: 886-2-66296288
‧Fax: 886-2-29174598‧http://www.princeton.com.tw‧2F, No. 233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
These devices consist of two independent, high gain,
internally
frequency-compensated
operational
amplifiers designed operate from a single supply over
a wide range of voltages. Operation from split supplies
also is possible if the difference between the two
supplies is 3V to 32V, and Vcc is at least 1.5V more
positive than the input common-mode voltage, the low
supply-current drain is independent of the magnitude
of the power supply voltage.
APPLICATIONS
 Electronic products
 Power supply
 Remote controller
 Consuming products
FEATURES
 Two internally compensated OP amps
Internally frequency compensated for unity gain
 Short circuit protection
 Wide power supply range: 3VDC to 32VDC (Single
supply)
 Input common-mode voltage range includes
ground
 Large output voltage swing: 0VDC to Vcc-1.5VDC
BLOCK DIAGRAM
Q2
Q3
Q1
Q4
Q9
Q8
Cc
Q11
Q12
Q5
Q6
Q7
Rsc
Non Inverting
+
Output
6uA
50uA
Q13
100uA
6uA
Vcc
Q10
Input
Inverting
Input
-


Similar Part No. - RS358S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS35 ASTRODYNE-RS35 Datasheet
294Kb / 4P
35W Single Output Switching Power Supply
RS35-12 ASTRODYNE-RS35-12 Datasheet
294Kb / 4P
35W Single Output Switching Power Supply
RS35-15 ASTRODYNE-RS35-15 Datasheet
294Kb / 4P
35W Single Output Switching Power Supply
RS35-24 ASTRODYNE-RS35-24 Datasheet
294Kb / 4P
35W Single Output Switching Power Supply
RS35-3.3 ASTRODYNE-RS35-3.3 Datasheet
294Kb / 4P
35W Single Output Switching Power Supply
More results

Similar Description - RS358S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com