Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFASWAM3489ATF09 Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWAM3489ATF09
Description  Any 2G/3G/4G Band for TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWAM3489ATF09 Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWAM3489ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWAM3489ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Approval Sheet
Page 6 of 8
ASC_RFASWAM3489ATF09_V04
Mar. 2018
Reliability test
TEST
PROCEDURE / TEST METHOD
REQUIREMENT
*Solderability
*JIS C 0050-4.6
*JESD22-B102D
*Solder bath temperature:255
 5C
*Immersion time:5
 0.5 sec
*Solder:Sn3Ag0.5Cu for lead-free
*At least 95% of a surface of each terminal
*electrode must be covered by fresh solder.
*High temperature
*JIS C 0021
*Temperature:90
C2C
*Test duration:1000+24/-0 hours
*Measurement to be made after keeping at *room
temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics under
*the operational temperature range within -30 *~
90°C.
*Low temperature
*JIS C 0020
*Temperature:-30
C2C
*Test duration:1000+24/-0 hours
*Measurement to be made after keeping at *room
temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics under
*the operational temperature range within -30 *~
90°C.
*Temperature cycle
*JIS C 0025
*1. 30
3 minutes at -303C,
*2. 10~15 minutes at room temperature,
*3. 30
3 minutes at +903C,
*4. 10~15 minutes at room temperature,
*Total 100 continuous cycles
*Measurement to be made after keeping at *room
temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics under
*the operational temperature range within -30 *~
90°C.
*High temperature operation
*life (HTOL)
*Temperature:90
C
*VDD = 4.8V
*Time:1000+24/-0 hrs.
*Measurement to be made after keeping at *room
temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics under
*the operational temperature range within -30 *~
90°C.
Soldering condition
Typical examples of soldering processes that provide reliable joints without any damage are given in Figure 11.
3
Figure 11. Infrared soldering profile
260
245
217
200
150
10 sec
Time
30 sec min.
60~150 sec
480 sec max. to Peak
25
max. ramp up rate = 3°C/s
max. ramp down rate = 6°C/s
For SnAgCu series solder paste



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com