Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFASWH526BTF03 Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWH526BTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWH526BTF03 Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWH526BTF03 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Approval Sheet
Page 4 of 14
ASC_RFASWH526BTF03_V04
Mar. 2018
Table 2. RFASWH526BTF03 Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
RFx Input power
PIN
+26
dBm
Supply Voltage
VDD
3.5
V
Interface Supply Voltage
VIO
2.0
V
Control Input/ Output Voltage Range (SDATA, SCLK)
VIN_OUT
2.0
V
Storage temperature
TSTG
-45
+125
°C
Operating temperature
TOP
-30
+90
°C
HBM ESD Voltage, All Pins
VESD1
2000
V
MM ESD Voltage, All Pins
VESD2
190
V
Note 1 : Human Body Model ESD Voltage (HBM, MIL_STD 883 Method 3015.7)
Note 2 : Machine Model ESD Voltage (MM, JEITA EIAJ ED-4701)
Exceeding absolute maximum ratings may cause permanent damage. Operation between operating range maximum and
absolute maximum for extended periods may reduce reliability.
Electrical and Mechanical Specifications
The absolute maximum ratings of the RFASWH526BTF03 are provided in Table 2. Electrical specifications are
provided in Tables 3 and 5.
Figure 4, 5 and Table4 describes the RFASWH526BTF03 has four operating states.
IMD2 and IMD3 test conditions for various frequencies are listed in Tables 6 and 7, respectively.
Figure 6, 7, 8, 9 and Table8 show the important parameters for SCLK and SDATA required for proper operations of
the Toshiba MIPI RFFE slave interface.
Table 9 register mapping shows the list of the registers inside the RFASWH526BTF03.
Table 10 provides the switch control register.
Table 11, 12 and 13 describes the detail information of RFFE status, power mode and trigger states, respectively.
Figure 10 and Table 14 describes the solder land pad and dimensions..
Table 3. RFASWH526BTF03 DC Electrical Specifications (Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VDD
2.5
2.8
3.5
V
Interface supply voltage
VIO
1.65
1.80
1.95
V
Interface signal:
High
Low
SDATA
0.8 × VIO
0
VIO
0.2 × VIO
V
V
Note 1 : Performance is guaranteed only under the conditions listed in this Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com