Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF06F2200BTL Datasheet(PDF) 11 Page - WALSIN TECHNOLOGY CORPORATION

Part # MF06F2200BTL
Description  Precision Thin Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF06F2200BTL Datasheet(HTML) 11 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MF06F2200BTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF06F2200BTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF06F2200BTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF06F2200BTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF06F2200BTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MF06F2200BTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION MF06F2200BTL Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION MF06F2200BTL Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION MF06F2200BTL Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Approval Sheet
Page 11 of 13
ASC_MFxxF&W
Dec - 2018
PULSE LOAD PERFORMANCE:
Single Pulse:
:
:
:
Single Pulse for
R
≥
10
Ω
50 rectangular pulse amplitudes are applied to the component at intervals of 60seconds,
permissible the resistance to be varied by ± (0.5% R + 0.01
Ω).
Continuous Pulse:
:
:
:
Continuous Pulse for
R
≥
10
Ω
Continuous load is a pulse period generated by the repetitive rectangular pulse amplitude,
the applied power dissipation is at a rated power of 70 °C.
Permissible the resistance to be varied by ± (0.5% R + 0.01
Ω).
10us
100us
1ms
10ms
100ms
1s
10s
Pulse Duration (sec)
Single Pulse
1206
0805
0603
0402
10us
100us
1ms
10ms
100ms
1s
10s
Pulse Duration (sec)
Continous Pulse
1206
0805
0603
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com