Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STRF6653 Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # STRF6653
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STRF6653 Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button STRF6653 Datasheet HTML 8Page - Allegro MicroSystems STRF6653 Datasheet HTML 9Page - Allegro MicroSystems STRF6653 Datasheet HTML 10Page - Allegro MicroSystems STRF6653 Datasheet HTML 11Page - Allegro MicroSystems STRF6653 Datasheet HTML 12Page - Allegro MicroSystems STRF6653 Datasheet HTML 13Page - Allegro MicroSystems STRF6653 Datasheet HTML 14Page - Allegro MicroSystems STRF6653 Datasheet HTML 15Page - Allegro MicroSystems STRF6653 Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Series STR-F6600
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
16
TM
Dimensions in Millimeters
(controlling dimensions)
7.0
±0.5
Dwg. MK-003-50 mm
5.5
±0.2
15.6
±0.2
3.2
±0.2
ø
2.54
±0.1
AT ROOT
5.5
±0.2
5.5
3.35
±0.1
0.65
+0.2
–0.1
4.5
±0.7
1
5
0.85
+0.2
–0.1
T
REF.
M
3.45
±0.1
Recommended mounting hardware torque: 6 – 8 kg•cm or 0.588 – 0.784 Nm.
Recommended silicone grease: Dow Corning SC102, Toshiba YG6260, Shin-Etsu G746., or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com