Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC547 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC547
Description  SILICON NPN TRIPLE DIFFUSED CHARACTER DISPLAY HORIZONTAL DEFLECTION OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC547 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC547 Datasheet HTML 1Page - Hitachi Semiconductor 2SC547 Datasheet HTML 2Page - Hitachi Semiconductor 2SC547 Datasheet HTML 3Page - Hitachi Semiconductor 2SC547 Datasheet HTML 4Page - Hitachi Semiconductor 2SC547 Datasheet HTML 5Page - Hitachi Semiconductor 2SC547 Datasheet HTML 6Page - Hitachi Semiconductor 2SC547 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SC5470
Silicon NPN Triple Diffused
Character Display Horizontal Deflection Output
ADE-208-672 (Z)
1st. Edition
Oct. 1, 1998
Features
• High breakdown voltage
V
CBO = 1500 V
• High speed switching
tf = 0.15
µsec(typ.) at fH=64kHz
Outline
TO–3PFM
1. Base
2. Collector
3. Emitter
1
2
3


Similar Part No. - 2SC547

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC547 PANASONIC-2SC547 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC547 PANASONIC-2SC547 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC547 PANASONIC-2SC547 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC547 PANASONIC-2SC547 Datasheet
35Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5472 PANASONIC-2SC5472 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
More results

Similar Description - 2SC547

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5448 HITACHI-2SC5448 Datasheet
45Kb / 7P
Silicon NPN Triple Diffused Character Display Horizntal Deflection Output
2SC5447 HITACHI-2SC5447 Datasheet
46Kb / 7P
Silicon NPN Triple Diffused Character Display Horizntal Deflection Output
2SC5449 HITACHI-2SC5449 Datasheet
45Kb / 7P
Silicon NPN Triple Diffused Character Display Horizntal Deflection Output
logo
List of Unclassifed Man...
2SD898B ETC-2SD898B Datasheet
31Kb / 1P
SILICON NPN TRIPLE DIFFUSED TV HORIZONTAL DEFLECTION OUTPUT
2SD900B ETC-2SD900B Datasheet
30Kb / 1P
SILICON NPN TRIPLE DIFFUSED TV HORIZONTAL DEFLECTION OUTPUT
2SD1453 ETC-2SD1453 Datasheet
53Kb / 1P
SILICON NPN TRIPLE DIFFUSED TV HORIZONTAL DEFLECTION OUTPUT
2SD1497 ETC-2SD1497 Datasheet
27Kb / 1P
SILICON NPN TRIPLE DIFFUSED TV HORIZONTAL DEFLECTION OUTPUT
logo
Panasonic Semiconductor
2SD1846 PANASONIC-2SD1846 Datasheet
105Kb / 2P
SILICON NPN TRIPLE DIFFUSED PLANAR TYPE HORIZONTAL DEFLECTION OUTPUT
2SD1850 PANASONIC-2SD1850 Datasheet
149Kb / 2P
SILICON NPN TRIPLE DIFFUSED PLANAR TYPE HORIZONTAL DEFLECTION OUTPUT
logo
Hitachi Semiconductor
2SD2299 HITACHI-2SD2299 Datasheet
358Kb / 3P
SILICON NPN TRIPLE DIFFUSED CTV HORIZONTAL DEFLECTION OUTPUT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com