Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTL02GPR005DTL Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # TTL02GPR005DTL
Description  High Power Thin Film Current Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TTL02GPR005DTL Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  TTL02GPR005DTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION TTL02GPR005DTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION TTL02GPR005DTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION TTL02GPR005DTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION TTL02GPR005DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TTL02GPR005DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TTL02GPR005DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TTL02GPR005DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TTL02GPR005DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Quick Reference Data
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
u
3.
Operating Temperature Range
0201/0402 : -55°C to +125°C
0603/0805/1206/2010/2512 : -55°C to +170°C
Series
Size Code
Functional code
Resistance
Range
Resistance
Tolerance
Power
TCR
G
H
I
J
K
M
P
Q
TTL
0201
(0603)
1/10W
1/8W 1/5W 1/4W 1/3W
350ppm/
5~20m
±0.5%
(>10m
)
±1%
±5%
0402
(1005)
1/8W 1/5W 1/4W 1/3W 1/2W
150ppm/
2.5~20m
0603
(1608)
1/5W 1/4W 1/3W 1/2W
75ppm/
5~20m
0805
(2012)
1/4W 1/3W 1/2W
75ppm/
5~20m
1206
(3216)
1/4W 1/3W 1/2W
1W
75ppm/
5~20m
2010
(5025)
1W
2W
50ppm/
75ppm/
100ppm/
5~20m
2512
(6342)
1W
2W
50ppm/
75ppm/
100ppm/
5~20m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com