Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS18LV02565PC-55 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # CS18LV02565PC-55
Description  HIGH SPEED SUPER LOW POWER SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565PC-55 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button CS18LV02565PC-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565PC-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565PC-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565PC-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV02565PC-55 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS18LV02565PC-55 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS18LV02565PC-55 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS18LV02565PC-55 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS18LV02565PC-55 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
14
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
-
28 pin PDIP (600mil):
0.590
A1
UNIT
_
Max.
Nom.
Min.
Max.
Nom.
Min.
inch
mm
_
0.010
_
_
0.254
SYMBOL
D
c
B1
B
A2
0.070
0.050
0.060
1.778
1.524
1.270
0.023
0.155
0.013
0.018
0.584
0.457
0.330
3.937
0.145
0.150
3.810
3.683
1.465
0.014
0.356
0.006
0.010
0.152
0.254
37.211
1.455
1.460
37.084
36.957
0.090
0.070
0.080
2.286
1.778
2.032
L
eB
e
E1
E
0.548
0.610
0.540
0.544
13.920
13.818
13.716
15.494
0.600
14.986
15.240
0.140
0.660
16.764
0.620
0.640
15.748
16.256
3.556
0.120
0.130
3.048
3.302
Q1
S
9°
0.075
0.065
0.070
1.905
1.778
1.651
9°
6°
3°
6°
3°
2.540
(TYP)
0.100
(TYP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com