Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950703 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS950703
Description  PROGRAMMABLE TIMING CONTROL HUB FOR P4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950703 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS950703 Datasheet HTML 1Page - Integrated Circuit Systems ICS950703 Datasheet HTML 2Page - Integrated Circuit Systems ICS950703 Datasheet HTML 3Page - Integrated Circuit Systems ICS950703 Datasheet HTML 4Page - Integrated Circuit Systems ICS950703 Datasheet HTML 5Page - Integrated Circuit Systems ICS950703 Datasheet HTML 6Page - Integrated Circuit Systems ICS950703 Datasheet HTML 7Page - Integrated Circuit Systems ICS950703 Datasheet HTML 8Page - Integrated Circuit Systems ICS950703 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Integrated
Circuit
Systems, Inc.
ICS950703
0690D—05/14/04
Pin Description
3
PIN
PIN
PIN
#
NAME
TYPE
1
GND
PWR Ground pin.
2
MULTSEL0/REF0
I/O
3.3V LVTTL input for selection the current multiplier for CPU outputs / 14.318 MHz reference
clock.
3
MULTSEL1/REF1
I/O
3.3V LVTTL input for selection the current multiplier for CPU outputs / 14.318 MHz reference
clock.
4
VDDREF
PWR Ref, XTAL power supply, nominal 3.3V
5
X1
I/O
Frequency select latch input pin / 3.3V PCI free running clock output.
6
X2
I/O
Frequency select latch input pin / 3.3V PCI free running clock output.
7
GNDREF
PWR Ground pin for the REF outputs.
8
PCICLK0
OUT PCI clock output.
9
PCICLK1
I/O
Watchdog enable latch input/ 3.3V PCI clock output.
10
VDDPCI
PWR Power supply for PCI clocks, nominal 3.3V
11
PCICLK2
OUT PCI clock output.
12
PCICLK3
OUT PCI clock output.
13
GNDPCI
PWR Ground pin for the PCI outputs
14
PCICLK4
OUT PCI clock output.
15
PCICLK5
OUT PCI clock output.
16
VDDPCI
PWR Power supply for PCI clocks, nominal 3.3V
17
PCICLK6
OUT PCI clock output.
18
**FS2/PCICLK7
I/O
Frequency select latch input pin / 3.3V PCI clock output.
19
GNDPCI
PWR Ground pin for the PCI outputs
20
**FS3/PCICLK8
I/O
Frequency select latch input pin / 3.3V PCI clock output.
21
**SEL100_133#/PCICLK9
I/O
Latched select input for 100 or 133.3MHz selection. 0=133MHz, 1 = 100MHz / 3.3V PCI
clock output.
22
VDDPCI
PWR Power supply for PCI clocks, nominal 3.3V
23
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
24
GND48
PWR Ground pin for the 48MHz outputs
25
*FS0/48MHz_0
I/O
Frequency select latch input pin / Fixed 48MHz clock output. 3.3V
26
**FS1/48MHz_1
I/O
Frequency select latch input pin / Fixed 48MHz clock output. 3.3V
27
AVDD48
PWR Analog power for 48MHz outputs and fixed PLL core, nominal 3.3V
28
PD#
IN
Asynchronous active low input pin, with 120Kohm internal pull-up resistor, used to power
down the device. The internal clocks are disabled and the VCO and the crystal are stopped.
* Internal Pull-Up Resistor ** Internal Pull-Down Resistor ~ This output has 2X drive
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com