Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND920P Datasheet(PDF) 5 Page - STMicroelectronics

Part # VND920P
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920P Datasheet(HTML) 5 Page - STMicroelectronics

  VND920P Datasheet HTML 1Page - STMicroelectronics VND920P Datasheet HTML 2Page - STMicroelectronics VND920P Datasheet HTML 3Page - STMicroelectronics VND920P Datasheet HTML 4Page - STMicroelectronics VND920P Datasheet HTML 5Page - STMicroelectronics VND920P Datasheet HTML 6Page - STMicroelectronics VND920P Datasheet HTML 7Page - STMicroelectronics VND920P Datasheet HTML 8Page - STMicroelectronics VND920P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
VND920P
2
ELECTRICAL CHARACTERISTICS (continued)
CURRENT SENSE (9V
≤ V
CC ≤ 16V) (See Fig.1)
PROTECTIONS
Note 2: current sense signal delay after positive input slope
Note: Sense pin doesn’t have to be left floating.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
K1
IOUT/ISENSE
IOUT=1A; VSENSE=0.5V;
Tj= -40°C...150°C
3300
4400
6000
dK1/K1
Current Sense Ratio Drift
IOUT=1A; VSENSE=0.5V;
Tj= -40°C...+150°C
-10
+10
%
K2
IOUT/ISENSE
IOUT=10A; VSENSE=4V; Tj=-40°C
Tj=25°C...150°C
4200
4400
4900
4900
6000
5750
dK2/K2
Current Sense Ratio Drift
IOUT=10A; VSENSE=4V;
Tj=-40°C...+150°C
-8
+8
%
K3
IOUT/ISENSE
IOUT=30A; VSENSE=4V; Tj=-40°C
Tj=25°C...150°C
4200
4400
4900
4900
5500
5250
dK3/K3
Current Sense Ratio Drift
IOUT=30A; VSENSE=4V;
Tj=-40°C...+150°C
-6
+6
%
ISENSEO
Analog Sense Leakage
Current
VCC=6...16V; IOUT=0A;VSENSE=0V;
Tj=-40°C...+150°C
010
µA
VSENSE
Max Analog Sense Output
Voltage
VCC=5.5V; IOUT=5A; RSENSE=10KΩ
VCC>8V; IOUT=10A; RSENSE=10KΩ
2
4
V
V
VSENSEH
Sense Voltage in
Overtemperature
conditions
VCC=13V; RSENSE=3.9KΩ
5.5
V
RVSENSEH
Analog Sense Output
Impedance in
Overtemperature
Condition
VCC=13V; Tj>TTSD; All channels open
400
Ω
tDSENSE
Current sense delay
response
to 90% ISENSE (see note 2)
500
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
TTSD
Shut-down Temperature
150
175
200
°C
TR
Reset Temperature
135
°C
Thyst
Thermal Hysteresis
7
15
°C
Ilim
DC Short Circuit Current
VCC=13V
5V<VCC<36V
30
45
75
75
A
A
Vdemag
Turn-off Output Clamp
Voltage
IOUT=2A; VIN=0V; L=6mH
VCC-41 VCC-48 VCC-55
V
VON
Output Voltage Drop
Limitation
IOUT=1A; Tj=-40°C....+150°C
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com