Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDIP2008L10T Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP2008L10T
Description  2.4 GHz & 5 GHz ISM Band RF Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP2008L10T Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP2008L10T Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP2008L10T Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP2008L10T Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP2008L10T Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP2008L10T Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP2008L10T Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP2008L10T Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_RFDIP2008L10T_V01
Oct.2015
ELECTRICAL CHARACTERISTICS
RFDIP2008L10T
Specification
Frequency range
2400 ~ 2500 MHz
5150 ~ 5850 MHz
Insertion Loss
2.2 dB max. at +25°C
2.4 dB max. at -40°C ~ +85°C
1.2 dB max. at +25°C
1.5 dB max. at -40°C ~ +85°C
Attenuation
30 dB min. @824 ~ 915 MHz
30 dB min. @1545 ~ 1610 MHz
30 dB min. @1710 ~ 1990 MHz
25 dB min. @2110 ~ 2170 MHz
8 dB min. @3200 ~ 3600 MHz
12 dB min. @3700 ~ 3900 MHz
28 dB min. @4800 ~ 5000 MHz
25 dB min. @7200 ~7500 MHz
20 dB min. @1545 ~ 1610 MHz
20 dB min. @1710 ~ 1990 MHz
20 dB min. @2110 ~ 2170 MHz
23 dB min. @2400 ~ 2500 MHz
8 dB min. @3450 ~ 3900 MHz
8 dB min. @7250 ~ 7800 MHz
20 dB min. @9800 ~ 11700 MHz
VSWR
2.0 max.
Impedance
50
Ω
Operation Temperature Range
-40
oC ~ +85oC
Moisture sensitivity levels
LEVEL 1 (Refer to : IPC/JEDEC J-STD-020)
Typical Electrical Chart
SOLDER LAND PATTERN
Figure
Unit: mm
Line width to de designed to match 50 Ω characteristic impedance, depending on PCB material and thickness.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com