Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDIP1608060LCT Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP1608060LCT
Description  2.4 GHz & 5 GHz ISM Band Working Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP1608060LCT Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP1608060LCT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LCT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LCT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LCT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LCT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LCT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LCT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_RFDIP1608060LCT_V03
Oct. 2014
ELECTRICAL CHARACTERISTICS
Item
Specification
Frequency range
2400~2500 MHz
4900~5950 MHz
VSWR
2.0 max.
2.0 max.
Insertion Loss
0.6 dB max.
1.4 dB max.
Attenuation (min.)
20 dB @ 4800~5000MHz
20 dB @ 7200~7500MHz
28 dB @ 30~2700MHz
10 dB @ 9800~11900MHz
Isolation
(Low-High)
28 dB @ 30~2700MHz
26 dB @ 4900~5950MHz
TYPICAL ELECTRICAL PERFORMANCE
S-Parameter:
SOLDER LAND PATTERN
Figure
Unit : mm
Line width to be designed to match 50 Ω characteristic impedance, depending on PCB material and thickness.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com