Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDIP1608060LET Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP1608060LET
Description  2.4 GHz & 5 GHz ISM Band Working Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP1608060LET Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP1608060LET Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LET Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LET Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LET Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LET Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LET Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LET Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_RFDIP1608060LET_V01
Oct. 2013
ELECTRICAL CHARACTERISTICS
Item
Specification
Frequency range (MHz)
2400-2500
4900-5900
VSWR
2.0 max
2.0 max
Insertion Loss (dB)
0.6 dB max.
1.4 dB max
Attenuation (dB min.)
18 dB @4.8~5.0GHz
18 dB @7.2~7.5GHz
20 dB @ 3.7~3.9GHz
20 dB @ 1.8~2.5GHz
10 dB @9.8~11.8GHz
TYPICAL ELECTRICAL PERFORMANCE
S-Parameter
SOLDER LAND PATTERN
Figure
Unit : mm
Line width to be designed to match 50 Ω characteristic impedance, depending on PCB material and thickness.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com