Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDIP1608060LUT Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP1608060LUT
Description  2.4 GHz & 5 GHz ISM Band RF Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP1608060LUT Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP1608060LUT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LUT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LUT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LUT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LUT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LUT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LUT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Approval sheet
Page 6 of 7
ASC_RFDIP1608060LUT_V02
Apr. 2018
SOLDERING CONDITION
Typical examples of soldering processes that provide reliable joints without any damage are given in Fig 2,
Fig 2. Infrared soldering profile
ORDERING CODE
RF
DIP
160806
0
L
U
T
Walsin
RF
device
Product
Code
DIP : Diplexer
Dimension code
Per 2 digits of Length,
Width, Thickness :
e.g. :
160806 =
Length 16,
Width 08,
Thickness 06
Unit of dimension
0 : 0.1 mm
1 : 1.0 mm
Application
L :2.4GHz/5GHz
Specification
Design code
Packing
T : Reeled
Minimum Ordering Quantity: 4000 pcs per reel.
PACKAGING
Paper Tape specifications (unit :mm)
Index
Ao
Bo
D
T
W
Dimension (mm)
0.975
 0.10
1.76
0.10
1.55 + 0.05
0.75
 0.10
8.0
 0.10
Index
E
F
Po
P1
P2
Dimension (mm)
1.75
 0.10
3.50
 0.05
4.00
 0.10
4.00
 0.10
2.00
 0.05



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com