Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDIP1608060TCT Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP1608060TCT
Description  GPS 1.57GHz & ISM 2.4/5GHz Band Working Frequency
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP1608060TCT Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP1608060TCT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060TCT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060TCT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060TCT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060TCT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060TCT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060TCT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060TCT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Approval sheet
Page 3 of 7
ASC_RFDIP1608060TCT_V01
Feb. 2014
ELECTRICAL CHARACTERISTICS
Item
Specification
Frequency range
1570~1610 MHz
2400~2500 MHz
4900~5900 MHz
VSWR
2.0 max
2.0 max
Insertion Loss
0.60 dB max.
0.50 dB typ.
0.65 dB max.
0.55 dB typ.
Attenuation (min.)
20 dB @2.4~2.5GHz
20 dB @4.9~5.9GHz
20 dB @1.57~1.61GHz
MSL:LEVEL 1
TYPICAL ELECTRICAL PERFORMANCE
S-Parameter:
0.5
1.5
2.5
3.5
4.5
5.5
6.5
Frequency (GHz)
-60
-50
-40
-30
-20
-10
0
dB(S(2,1))
dB(S(1,1))
dB(S(3,1))
SOLDER LAND PATTERN
Figure
Unit : mm
Line width to be designed to match 50 Ω characteristic impedance, depending on PCB material and thickness.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com