Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFDIP1608060THT Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP1608060THT
Description  RFDIP1608060THT Low Profile Design
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP1608060THT Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP1608060THT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060THT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060THT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Information
Page 1 of 3
PI_RFDIP1608060THT_V01
Oct. 2014
LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
– RFDIP1608060THT Low Profile Design
– For LTE / GSM / GPS / WLAN Band Application
FEATURES
Miniature footprint: 1.6 X 0.8X 0.6 mm
3
Low Insertion Loss
High attenuation on 2
nd harmonic suppressed
LTCC process
APPLICATIONS
LTE / GSM / GPS 1.575GHz / WLAN 2.4GHz/5GHz band RF application
ELECTRICAL CHARACTERISTICS
Item
Specification
Frequency range
704~960 MHz
1572~1578 MHz
1570~1610 MHz
2400~2500 MHz
2500~2690 MHz
4900~5150 MHz
5150~5850 MHz
5850~5950 MHz
VSWR
1.92 max.
1.92 max.
Insertion Loss
0.4 dB max.@ 704~960 MHz
0.6 dB max.@ 1572~1578 MHz
0.6 dB max.@ 1570~1610 MHz
0.65 dB max. @2400~2500 MHz
0.55 dB max. @2500~2690 MHz
0.65 dB max. @4900~5150 MHz
0.65 dB max. @5150~5850 MHz
0.65 dB max. @5850~5950 MHz
Attenuation ( min.)
15 dB @2400~2500 MHz
10 dB @2500~2690 MHz
17 dB @4900~5150 MHz
17 dB @5150~5850 MHz
16 dB @5850~5950 MHz
12 dB @ 704~960 MHz
15 dB @ 1572~1578 MHz
15 dB @ 1570~1610 MHz
Taping Quantity
: 4000pcs per 7” reel
Operating Temperature Range
: -40~ +85℃
Storage Temperature Range
: -10~ +40℃
Humidity
: 30 to 70% relative humidity


Similar Part No. - RFDIP1608060THT

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060T1T WALSIN-RFDIP1608060T1T Datasheet
635Kb / 7P
GPS 1.575 GHz/ISM 2.4 GHz Band Application
RFDIP1608060TAT WALSIN-RFDIP1608060TAT Datasheet
505Kb / 7P
GPS 1.57GHz & ISM 2.4/5GHz Band Working Frequency
RFDIP1608060TCT WALSIN-RFDIP1608060TCT Datasheet
852Kb / 8P
GPS 1.57GHz & ISM 2.4/5GHz Band Working Frequency
RFDIP1608060TDT WALSIN-RFDIP1608060TDT Datasheet
659Kb / 7P
GPS 1.57 GHz/ISM 2.4 GHz Band Application
RFDIP1608060TM7N3T WALSIN-RFDIP1608060TM7N3T Datasheet
559Kb / 7P
GPS 1.575 GHz/ISM 2.4 GHz/5GHz Band RF Application
More results

Similar Description - RFDIP1608060THT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMW21R0FT MACOM-SMW21R0FT Datasheet
126Kb / 3P
Low Profile Design
logo
Ohmite Mfg. Co.
RES-TL OHMITE-RES-TL Datasheet
341Kb / 2P
Low profile design
logo
CUI INC
SJ2-2594A-SMT-TR CUI-SJ2-2594A-SMT-TR Datasheet
487Kb / 4P
low profile design
HSS-B20-NP-01 CUI-HSS-B20-NP-01 Datasheet
278Kb / 3P
low profile design
HSS-C52-NP-SMT-TR CUI-HSS-C52-NP-SMT-TR Datasheet
848Kb / 3P
low profile design
HSS-C2591-SMT-TR CUI-HSS-C2591-SMT-TR Datasheet
846Kb / 3P
low profile design
SJ2-2510X-SMT CUI-SJ2-2510X-SMT Datasheet
678Kb / 4P
low profile design
SJ2-2542X-SMT CUI-SJ2-2542X-SMT Datasheet
649Kb / 4P
low profile design
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2012050LBT WALSIN-RFDIP2012050LBT Datasheet
619Kb / 2P
RFDIP2012050LBT Low Profile Design
RFDIP2012080LVT WALSIN-RFDIP2012080LVT Datasheet
254Kb / 2P
RFDIP2012080LVT Low Profile Design
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com