Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC-208AMM-QL Datasheet(PDF) 1 Page - DATEL, Inc.

Part # ADC-208AMM-QL
Description  CMOS Flash A/D
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

ADC-208AMM-QL Datasheet(HTML) 1 Page - DATEL, Inc.

  ADC-208AMM-QL Datasheet HTML 1Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number ADC-208AMM-QL, CMOS Flash A/D
Specifications
Resolution
8 Bit
Number of Channels
1
Sampling Rate
20 MHz
Power Consumption
0.25 W
Differential Non-Linearity Error/Other
0.5 LSB
Integral Non-Linearity Error/Other
0.5 LSB
Package Type
DDIP
Input Range 1st (min)
0 V
Input Range 1st (max)
5 V
Required Supply Voltage 1st
5 V
Total Harmonic Distortion
-46 dB
Operating Temp. Range (min)
-55 ºC
Operating Temp. Range (max)
+125 ºC
RoHS
No
Status
Recommended for new design
8 Bit, 20MHz (20MSPS), CMOS Flash Analog to Digital (A/D) Converter, 0 to +5V Input range, -55°C to
+125°C temperature range, High Reliability Screening.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
8/29/2019 | Page 1 of 1


Similar Part No. - ADC-208AMM-QL

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADC-208AMM-QL-C DATEL-ADC-208AMM-QL-C Datasheet
103Kb / 1P
CMOS Flash A/D
More results

Similar Description - ADC-208AMM-QL

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADC-207LM-QL DATEL-ADC-207LM-QL Datasheet
103Kb / 1P
CMOS Flash A/D
ADC-208AME DATEL-ADC-208AME Datasheet
102Kb / 1P
CMOS Flash A/D
ADC-208AMM-C DATEL-ADC-208AMM-C Datasheet
102Kb / 1P
CMOS Flash A/D
ADC-228AMC DATEL-ADC-228AMC Datasheet
103Kb / 1P
CMOS Flash A/D
ADC-228AMM-C DATEL-ADC-228AMM-C Datasheet
103Kb / 1P
CMOS Flash A/D
ADC-674A883 DATEL-ADC-674A883 Datasheet
103Kb / 1P
CMOS Flash A/D
ADC-674L-C883 DATEL-ADC-674L-C883 Datasheet
103Kb / 1P
CMOS Flash A/D
ADC-674LE-C DATEL-ADC-674LE-C Datasheet
103Kb / 1P
CMOS Flash A/D
ADC-674LM DATEL-ADC-674LM Datasheet
102Kb / 1P
CMOS Flash A/D
ADC-674LM-C DATEL-ADC-674LM-C Datasheet
103Kb / 1P
CMOS Flash A/D
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com