Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRF-ROC093XC-K Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HRF-ROC093XC-K
Description  Radio On A Chip 860-928 MHz Frequency Agile With SPI Bus Interface
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HRF-ROC093XC-K Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HRF-ROC093XC-K Datasheet HTML 1Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 2Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 3Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 4Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
HRF-ROC093XC
Advance Information
Web Site:
www.mysoiservices.com
Honeywell
Email:
mysoiservices@honeywell.com
Solid State Electronics Center
12001 State Highway 55
2003 09325XC
Published June 2003
Page 5
Plymouth, Minnesota 55441-4799
1-800-323-8295
Customer Demonstration Board
Ordering Information
Ordering Number
Product
HRF-ROC093XC -T
HRF-ROC093XC -K
Delivered On Tape And Reel
2
Engineering Evaluation Kit
Note 2: Contact Honeywell for details
Honeywell reserves the right to make changes to improve reliability, function or design. Honeywell does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey any
license under its patent rights nor the rights of others.
The Customer Demonstration Board provides the ROC093XC radio with a PIC microcontroller that interfaces to a
PC through a USB connection. Using the software provided and a PC, the user can send files and perform range
tests. For a more complete understanding of the operation of the radio, the user can also control the operating
frequency, power levels and all internal registers for early product development/prototyping. The board operates
from a USB power source, three “AA” batteries or an external power supply. Single antenna operation is attained
through the internal RF switch. Separate Tx/Rx/ ports are also available.
A kit is available, HRF-ROC093XC-K, which includes two boards, antennas, USB cable, documentation and
control software.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com