Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC145 Datasheet(PDF) 9 Page - ABB

Part # BC145
Description  SIGNAL ISOLATOR BOARD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

BC145 Datasheet(HTML) 9 Page - ABB

Back Button BC145 Datasheet HTML 5Page - ABB BC145 Datasheet HTML 6Page - ABB BC145 Datasheet HTML 7Page - ABB BC145 Datasheet HTML 8Page - ABB BC145 Datasheet HTML 9Page - ABB BC145 Datasheet HTML 10Page - ABB BC145 Datasheet HTML 11Page - ABB BC145 Datasheet HTML 12Page - ABB BC145 Datasheet HTML 13Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
3-1
MN1373
Chapter 3
Installation
Wiring
WARNING: READ SAFETY WARNINGS BEFORE ATTEMPTING TO USE THIS CONTROL.
Caution: To avoid erratic operation, do not bundle AC Line and motor wires with potentiometer, voltage following, enable, inhibit or other
signal wiring. Use shielded cables on all signal wiring over 12” (30cm). The shield should be earth grounded on the control
side only.
AC Power
The BC145 is powered with either 115 or 230VAC, 50/60 Hz by arranging the jumpers between terminals “1” to “4” properly.
See Figures 3-1 and 3-2. Be sure unit is wired in accordance with the National Electrical Code and other codes that may
apply. It is recommended that a 1 amp fuse be installed in series with the AC line.
3-1 115V Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com