Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2SXABC Datasheet(PDF) 20 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2SXABC Datasheet(HTML) 20 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 16Page - Texas Instruments TDA2SXABC Datasheet HTML 17Page - Texas Instruments TDA2SXABC Datasheet HTML 18Page - Texas Instruments TDA2SXABC Datasheet HTML 19Page - Texas Instruments TDA2SXABC Datasheet HTML 20Page - Texas Instruments TDA2SXABC Datasheet HTML 21Page - Texas Instruments TDA2SXABC Datasheet HTML 22Page - Texas Instruments TDA2SXABC Datasheet HTML 23Page - Texas Instruments TDA2SXABC Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
20
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
Hxx/LFx [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
G28
ddr2_dqs0
ddr2_dqs0
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr2
LVCMOS
DDR
Pux/PDy
H27
ddr2_dqs1
ddr2_dqs1
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr2
LVCMOS
DDR
Pux/PDy
K27
ddr2_dqs2
ddr2_dqs2
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr2
LVCMOS
DDR
Pux/PDy
M28
ddr2_dqs3
ddr2_dqs3
0
IO
PD
PD
1.35/1.5/1.8 vdds_ddr2
LVCMOS
DDR
Pux/PDy
G27
ddr2_dqsn0
ddr2_dqsn0
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
LVCMOS
DDR
Pux/PDy
H28
ddr2_dqsn1
ddr2_dqsn1
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
LVCMOS
DDR
Pux/PDy
K28
ddr2_dqsn2
ddr2_dqsn2
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
LVCMOS
DDR
Pux/PDy
M27
ddr2_dqsn3
ddr2_dqsn3
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
LVCMOS
DDR
Pux/PDy
T27
ddr2_nck
ddr2_nck
0
O
PD
drive clk
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
R23
ddr2_odt0
ddr2_odt0
0
O
PD
drive 0
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
T23
ddr2_rasn
ddr2_rasn
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
R24
ddr2_rst
ddr2_rst
0
O
PD
drive 0
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
N22
ddr2_vref0
ddr2_vref0
0
PWR
OFF
OFF
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
U25
ddr2_wen
ddr2_wen
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
G21
emu0
emu0
0
IO
PU
PU
0
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
gpio8_30
14
IO
D24
emu1
emu1
0
IO
PU
PU
0
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
gpio8_31
14
IO
AC5
gpio6_10
gpio6_10
0
IO
PU
PU
15
1.8/3.3
vddshv7
Yes
Dual
Voltage
LVCMOS
PU/PD
mdio_mclk
1
O
1
i2c3_sda
2
IO
1
usb3_ulpi_d7
3
IO
0
vin2b_hsync1
Yes / No
4
I
vin5a_clk0
Yes / No
9
I
0
ehrpwm2A
10
O
gpio6_10
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com