Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4989 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN4989
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4989 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN4989 Datasheet HTML 36Page - STMicroelectronics AN4989 Datasheet HTML 37Page - STMicroelectronics AN4989 Datasheet HTML 38Page - STMicroelectronics AN4989 Datasheet HTML 39Page - STMicroelectronics AN4989 Datasheet HTML 40Page - STMicroelectronics AN4989 Datasheet HTML 41Page - STMicroelectronics AN4989 Datasheet HTML 42Page - STMicroelectronics AN4989 Datasheet HTML 43Page - STMicroelectronics AN4989 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 99 page
background image
Connecting to the board
AN4989
40/99
DocID030181 Rev 2
4.3
Low-power case
By default, the debug connection is lost if the application puts the MCU in Sleep, Stop, or
Standby mode while the debug features are used. This is due to the fact that the Cortex®-M
core is not clocked in any of these modes.
However, the setting of dedicated configuration bits in the DBGMCU_CR register allows
software debug even when the low-power modes are used extensively.
Refer to the PWR and DBG sections of the reference manual for details.
Appendix A: Managing DBGMCU registers on page 78 guides the user through the various
means to manage DBGMCU depending on IDE and needs.
Caution:
In order to reduce power consumption, some applications turn all GPIOs to analog input
mode, including SWD GPIOs. This is the case for all PWR examples provided in
STM32Cube (debug connection is lost after SystemPower_Config() which sets all
GPIOs in Analog Input State).
Enabling low-power debug degrades power consumption performance by keeping some
clocks enabled and by preventing to optimize GPIO state. Even if this is useful for functional
debugging, it has anyhow to be banned as soon as the target is to measure/enhance power
consumption.
All DBGMCU registers values are kept while reset. Users must pay attention not to let
debug or unwanted states when returning to normal execution (refer to Section 9: From
debug to release on page 76).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com