Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4F Datasheet(PDF) 1 Page - Bytesonic Electronics Co., Ltd.

Part # M4F
Description  1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

M4F Datasheet(HTML) 1 Page - Bytesonic Electronics Co., Ltd.

  M4F Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. M4F Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range Tj, TSTG
M1F
M2F
M3F
M4F
M5F
M6F
M7F
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.0
30
5.0
50
15
-65
+1
5
V
A
A
V
uA
uA
pF
C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient.
M1
THRU
M7
1.
1
Typical Thermal Resistance RqJA (Note 2)
50
C/W
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
FEATURES
MECHANICAL DATA
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per MIL-STD-202F,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.0
64gram
*
o
Lead Free Finish/RoHS Compliant
*
Version 1.3
2019/6/20
http://www.bytesonic.com
.tw
0
F
F
0.173(4.40)
0.20(5.20)
0.170(4.20)
0.037(0.90)
Dimensions in inches and (millimeters)
SMAF
Cathode Band
Top View
0.126(3.20)
0.110(2.80)
0.094(2.40)
0.051(1.30)
0.059(1.50)
0.044(1.10)
0.010(0.25)
0.006(0.15)
0.047(1.20)
0.028(0.70)


Similar Part No. - M4F

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
M4F CHENDA-M4F Datasheet
87Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Zibo Seno Electronic En...
M4F ZSELEC-M4F Datasheet
478Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Galaxy Semi-Conductor H...
M4F BILIN-M4F Datasheet
449Kb / 4P
Surface Mount Rectifiers
logo
Shenzhen Yixinwei Techn...
M4F YIXIN-M4F Datasheet
135Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
M4F YIXIN-M4F Datasheet
79Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - M4F

ManufacturerPart #DatasheetDescription
logo
Bytes
SM4001 BYTES-SM4001 Datasheet
149Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
SM4001A BYTES-SM4001A Datasheet
154Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4001 UNIOHM-SM4001 Datasheet
63Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
SM4001A UNIOHM-SM4001A Datasheet
66Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
SM4001M UNIOHM-SM4001M Datasheet
64Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A Datasheet
192Kb / 2P
1.0 AMP Surface Mount Silicon Rectifiers
logo
Goodwork Semiconductor ...
SM4001A GWSEMI-SM4001A Datasheet
66Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
SS4001 GWSEMI-SS4001 Datasheet
66Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Nanjing International G...
S1A DGNJDZ-S1A Datasheet
143Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
M1 DGNJDZ-M1_05 Datasheet
118Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com