Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6919ETR Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6919ETR
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919ETR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6919ETR Datasheet HTML 25Page - STMicroelectronics L6919ETR Datasheet HTML 26Page - STMicroelectronics L6919ETR Datasheet HTML 27Page - STMicroelectronics L6919ETR Datasheet HTML 28Page - STMicroelectronics L6919ETR Datasheet HTML 29Page - STMicroelectronics L6919ETR Datasheet HTML 30Page - STMicroelectronics L6919ETR Datasheet HTML 31Page - STMicroelectronics L6919ETR Datasheet HTML 32Page - STMicroelectronics L6919ETR Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
31/33
L6919E
Figure 29 shows the mosfets temperature versus output current in steady state condition without any air-flow
or heat sink. It can be observed that the mosfets are under 105°C in any conditions. Load regulation is also re-
ported from 10A to 55A.
Figure 29. Mosfet Temperature and Load Regulation.
Figure 30 shows the system response to a load transient from 3A to 45A. The output voltage is contained in the
±50mV range. Additional output capacitors can help in reducing the initial voltage spike mainly due to the ESR.
Figure 30. 3A to 45A Load Transient Response
Figure 31 shows the system response to a VID transient from 1.200V to 0.800V and vice versa at minimum load (3A).
Figure 31. Dynamic VID Response
25
35
45
55
65
75
85
95
105
115
0
5
10 15 20 25 30 35 40 45 50 55 60
Output Current [A]
High-side M OS Q2
High-side M OS Q4
Lo w-side M OS Q1
Lo w-side M OS Q3
1.155
1.165
1.175
1.185
1.195
1.205
1.215
1.225
1.235
0
5 10 15 20 25 30 35 40 45 50 55 60
Output Current [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com