Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISCNH124W Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCNH124W
Description  isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCNH124W Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCNH124W Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCNH124W Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
ISCNH124W
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
600
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.25mA
3
4
5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 10A
18.6
22
mΩ
IGSS
Gate-Body Leakage Current
VGS= ±30V;VDS= 0
±
200
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 600V; VGS= 0
10
μ
A
VSD
Forward On-Voltage
IS= 18A; VGS= 0
2
V
Ciss
Input Capacitance
VDS=50V;VGS=0V; f=1.0MHz
11.3
nF
Coss
Output Capacitance
533
pF
Crss
Reverse Transfer Capacitance
3.7
pF
Qg
Total Gate Charge
VDS=480V; ID=57A; VGS=10V
168
nC
Qgs
Gate-Source Charge
78
nC
Qgd
Gate-Drain Charge
46.5
nC
td(on)
Turn-on Delay Time
VDD= 400V ; ID=57A;
RG= 1.8Ω;VGS=10V
29
nS
tr
Turn-on Rise Time
26
nS
td(off)
Turn-Off Delay Time
74
nS
tf
Turn-Off Fall Time
6
nS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com