Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-500MM-QL Datasheet(PDF) 3 Page - DATEL, Inc.

Part # AM-500MM-QL
Description  Ultra-Fast Operational Amplifi ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

AM-500MM-QL Datasheet(HTML) 3 Page - DATEL, Inc.

  AM-500MM-QL Datasheet HTML 1Page - DATEL, Inc. AM-500MM-QL Datasheet HTML 2Page - DATEL, Inc. AM-500MM-QL Datasheet HTML 3Page - DATEL, Inc. AM-500MM-QL Datasheet HTML 4Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 3. Input Bias Current vs. Temperature
-50
-25
+25
+50
+75
+100
+125
0
100 nA
10 nA
1 nA
100 pA
TEMPERATURE (°C)
+CURRENT
−CURRENT
1 nA TYP.@
25°C
DOUBLES
EVERY 10°C
−20pA/°C
Figure 2. Connection for Fast Settling with Gain of -1
AM-500
+
–
KEEP THESE
LEADS AS SHORT
AS POSSIBLE
C
INPUT
OUTPUT
ZERO
ADJ.
(±10 mV)
4
5
6
500
750K
20K
11
10
RFEEDBACK
RIN
2.4pF
+15V dc
-15V dc
+15V
-15V
1K (Rf)
1K
1μF TANTALUM
1μF TANTALUM
+
+
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 USA • Tel: (508) 339-3000 • www.datel.com • e-mail: help@datel.com
AM-500 Series
Ultra-Fast Operational Amplifiers
26 Jun 2015 MDA_AM-500.B03 Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com