Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9544APW Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9544APW
Description  4-channel IC multiplexer with interrupt logic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9544APW Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9544APW Datasheet HTML 10Page - NXP Semiconductors PCA9544APW Datasheet HTML 11Page - NXP Semiconductors PCA9544APW Datasheet HTML 12Page - NXP Semiconductors PCA9544APW Datasheet HTML 13Page - NXP Semiconductors PCA9544APW Datasheet HTML 14Page - NXP Semiconductors PCA9544APW Datasheet HTML 15Page - NXP Semiconductors PCA9544APW Datasheet HTML 16Page - NXP Semiconductors PCA9544APW Datasheet HTML 17Page - NXP Semiconductors PCA9544APW Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9544A
4-channel I2C multiplexer with interrupt logic
2004 Sep 29
17
REVISION HISTORY
Rev
Date
Description
_2
2004929
Product data sheet (9397 750 13931). Supersedes data of 2004 Jul 28 (9397 750 13301).
Modifications:
• Table 1. “Control Register; Write — Channel Selection / Read — Channel Status” on page 5:
add ‘no channel selected; power-up default state’ row to bottom of table
• DC characteristics table (V
DD = 2.3 V to 3.6 V) on page 11:
– Supply
change IDD Typ. from 20 µA to 10 µA
change IDD Max. from 50 µA to 30 µA
– Input SCL; input/output SDA
change IOL Typ. (VOL = 0.4 V) from “–” to 7 mA
change IOL Typ. (VOL = 0.6 V) from “–” to 10 mA
change Ci Typ. from 12 pF to 10 pF
– Select inputs A0 to A2 / INT0 to INT3
change Test conditions for ILI from “pin at VDD or VSS” to “VI = VDD or VSS”
– INT output
change IOL Typ. from “–” to 7 mA
change IOH Max. from +100 µA to +10 µA
– Add Note 2.
• DC characteristics table (V
DD = 4.5 V to 5.5 V) on page 12:
– change description from “VDD = 3.6 V to 5.5 V” to “VDD = 4.5 V to 5.5 V”
– Supply
change VDD Min. from 3.6 V to 4.5 V
change IDD Typ. from 65 µA to 25 µA
– Input SCL; input/output SDA
remove parameters IIL and IIH
add parameter IL
– Select inputs A0 to A2 / INT0 to INT3; change ILI Max. from +50 µA to +1 µA
– Pass Gate
change IL Min. from –10 µA to –1 µA
change IL Max. from +100 µA to +1 µA
– INT output; change IOH Max from +100 µA to +10 µA
– Add Note 2.
• AC characteristics table on page 13:
– add reference to (new) Note 4 at parameters tVD:DATL and tVD:DATH
– INT
Add reference to (new) Note 4 in all 4 parameter descriptions
Lpwr and Hpwr: change “or” to “of”
– Add Note 4.
_1
20040728
Objective data sheet (9397 750 13301).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com