Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9544APW Datasheet(PDF) 13 Page - Texas Instruments

Part # PCA9544APW
Description  4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9544APW Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCA9544APW Datasheet HTML 9Page - Texas Instruments PCA9544APW Datasheet HTML 10Page - Texas Instruments PCA9544APW Datasheet HTML 11Page - Texas Instruments PCA9544APW Datasheet HTML 12Page - Texas Instruments PCA9544APW Datasheet HTML 13Page - Texas Instruments PCA9544APW Datasheet HTML 14Page - Texas Instruments PCA9544APW Datasheet HTML 15Page - Texas Instruments PCA9544APW Datasheet HTML 16Page - Texas Instruments PCA9544APW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.ti.com
RL = 4.7 kΩ
VCC
CL = 100 pF
(See Note A)
INTERRUPT LOAD CONFIGURATION
DUT
INT
0.5
× VCC
INTn
(input)
VOLTAGE WAVEFORMS (tiv)
tiv
VOLTAGE WAVEFORMS (tir)
INT
(output)
0.5
× VCC
INTn
(input)
INT
(output)
0.5
× VCC
0.5
× VCC
tir
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
PCA9544A
4-CHANNEL I2C AND SMBus MULTIPLEXER
WITH INTERRUPT LOGIC
SCPS146A – OCTOBER 2005 – REVISED OCTOBER 2005
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 11. Interrupt Load Circuit and Voltage Waveforms
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com