Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9544APWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9544APWR
Description  4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9544APWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA9544APWR Datasheet HTML 3Page - Texas Instruments PCA9544APWR Datasheet HTML 4Page - Texas Instruments PCA9544APWR Datasheet HTML 5Page - Texas Instruments PCA9544APWR Datasheet HTML 6Page - Texas Instruments PCA9544APWR Datasheet HTML 7Page - Texas Instruments PCA9544APWR Datasheet HTML 8Page - Texas Instruments PCA9544APWR Datasheet HTML 9Page - Texas Instruments PCA9544APWR Datasheet HTML 10Page - Texas Instruments PCA9544APWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
SDA
SCL
Data Line
Stable;
Data Valid
Change
of Data
Allowed
SDA
SCL
Start Condition
S
Stop Condition
P
SDA
SCL
Master
Transmitter/
Receiver
Slave
Receiver
Slave
Transmitter/
Receiver
Master
Transmitter
Master
Transmitter/
Receiver
I2C
Multiplexer
Slave
PCA9544A
4-CHANNEL I2C AND SMBus MULTIPLEXER
WITH INTERRUPT LOGIC
SCPS146A – OCTOBER 2005 – REVISED OCTOBER 2005
Figure 4. Bit Transfer
Both data and clock lines remain high when the bus is not busy. A high-to-low transition of the data line while the
clock is high is defined as the start condition (S). A low-to-high transition of the data line while the clock is high is
defined as the stop condition (P) (see Figure 5).
Figure 5. Definition of Start and Stop Conditions
A device generating a message is a transmitter; a device receiving a message is the receiver. The device that
controls the message is the master, and the devices that are controlled by the master are the slaves (see
Figure 6).
Figure 6. System Configuration
The number of data bytes transferred between the start and the stop conditions from transmitter to receiver is not
limited. Each byte of eight bits is followed by one ACK bit. The transmitter must release the SDA line before the
receiver can send an ACK bit.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com