Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF03N0R5B100CT Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # RF03N0R5B100CT
Description  High Q and low ESR performance at high frequency
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RF03N0R5B100CT Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RF03N0R5B100CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5B100CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5B100CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5B100CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5B100CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5B100CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5B100CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5B100CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RF03N0R5B100CT Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 7 of 16
ASC_Ultra HQ_Low ESR_(RF)_014AD_AS
Jul. 2019
DIELECTRIC
NP0
SIZE
0505
0603
0805
Tolerance
RATED VOLTAGE (VDC)
50
100
250
50
100
250
50
100
250
500
0.1pF (0R1)
H
H
H
A, B
0.2pF (0R2)
H
H
H
A
A
A
A
A, B
0.3pF (0R3)
S
S
S
T
T
T
T
A, B
0.4pF (0R4)
J
J
J
S
S
S
T
T
T
T
A, B
0.5pF (0R5)
J
J
J
S
S
S
T
T
T
T
A, B, C
0.6pF (0R6)
J
J
J
S
S
S
T
T
T
T
A, B, C
0.7pF (0R7)
J
J
J
S
S
S
T
T
T
T
A, B, C
0.8pF (0R8)
J
J
J
S
S
S
T
T
T
T
A, B, C
0.9pF (0R9)
J
J
J
S
S
S
T
T
T
T
A, B, C
1.0pF (1R0)
J
J
J
S
S
S
T
T
T
T
A, B, C
1.1pF (1R1)
J
J
J
S
S
S
T
T
T
T
A, B, C
1.2pF (1R2)
J
J
J
S
S
S
T
T
T
T
A, B, C
1.3pF (1R3)
J
J
J
S
S
S
T
T
T
T
A, B, C
1.4pF (1R4)
J
J
J
S
S
S
T
T
T
T
A, B, C
1.5pF (1R5)
J
J
J
S
S
S
T
T
T
T
A, B, C
1.6pF (1R6)
J
J
J
S
S
S
T
T
T
T
A, B, C
1.7pF (1R7)
J
J
J
S
S
S
T
T
T
T
A, B, C
1.8pF (1R8)
J
J
J
S
S
S
T
T
T
T
A, B, C
1.9pF (1R9)
J
J
J
S
S
S
T
T
T
T
A, B, C
2.0pF (2R0)
J
J
J
S
S
S
T
T
T
T
A, B, C
2.1pF (2R1)
J
J
J
S
S
S
T
T
T
T
A, B, C
2.2pF (2R2)
J
J
J
S
S
S
T
T
T
T
A, B, C
2.3pF (2R3)
J
J
J
S
S
S
T
T
T
T
A, B, C
2.4pF (2R4)
J
J
J
S
S
S
T
T
T
T
A, B, C
2.5pF (2R5)
J
J
J
S
S
S
T
T
T
T
A, B, C
2.6pF (2R6)
J
J
J
S
S
S
T
T
T
T
A, B, C
2.7pF (2R7)
J
J
J
S
S
S
T
T
T
T
A, B, C
2.8pF (2R8)
J
J
J
S
S
S
T
T
T
T
A, B, C
2.9pF (2R9)
J
J
J
S
S
S
T
T
T
T
A, B, C
3.0pF (3R0)
J
J
J
S
S
S
T
T
T
T
A, B, C
3.1pF (3R1)
J
J
J
S
S
S
T
T
T
T
A, B, C
3.2pF (3R2)
J
J
J
S
S
S
T
T
T
T
A, B, C
3.3pF (3R3)
J
J
J
S
S
S
T
T
T
T
A, B, C
3.4pF (3R4)
J
J
J
S
S
S
T
T
T
T
A, B, C
3.5pF (3R5)
J
J
J
S
S
S
T
T
T
T
A, B, C
3.6pF (3R6)
J
J
J
S
S
S
T
T
T
T
A, B, C
3.7pF (3R7)
J
J
J
S
S
S
T
T
T
T
A, B, C
3.8pF (3R8)
J
J
J
S
S
S
T
T
T
T
A, B, C
3.9pF (3R9)
J
J
J
S
S
S
T
T
T
T
A, B, C
4.0pF (4R0)
J
J
J
S
S
S
T
T
T
T
A, B, C
4.1pF (4R1)
J
J
J
S
S
S
T
T
T
T
A, B, C
4.2pF (4R2)
J
J
J
S
S
S
T
T
T
T
A, B, C
4.3pF (4R3)
J
J
J
S
S
S
T
T
T
T
A, B, C
4.4pF (4R4)
J
J
J
S
S
S
T
T
T
T
A, B, C
4.5pF (4R5)
J
J
J
S
S
S
T
T
T
T
A, B, C
4.6pF (4R6)
J
J
J
S
S
S
T
T
T
T
A, B, C
4.7pF (4R7)
J
J
J
S
S
S
T
T
T
T
A, B, C
4.8pF (4R8)
J
J
J
S
S
S
T
T
T
T
A, B, C
4.9pF (4R9)
J
J
J
S
S
S
T
T
T
T
A, B, C
5.0pF (5R0)
J
J
J
S
S
S
T
T
T
T
A, B, C
5.1pF (5R1)
J
J
J
S
S
S
T
T
T
T
B, C, D
5.2pF (5R2)
J
J
J
S
S
S
T
T
T
T
B, C, D
5.3pF (5R3)
J
J
J
S
S
S
T
T
T
T
B, C, D
5.4pF (5R4)
J
J
J
S
S
S
T
T
T
T
B, C, D
5.5pF (5R5)
J
J
J
S
S
S
T
T
T
T
B, C, D
5.6pF (5R6)
J
J
J
S
S
S
T
T
T
T
B, C, D
5.7pF (5R7)
J
J
J
S
S
S
T
T
T
T
B, C, D
5.8pF (5R8)
J
J
J
S
S
S
T
T
T
T
B, C, D
5.9pF (5R9)
J
J
J
S
S
S
T
T
T
T
B, C, D
6.0pF (6R0)
J
J
J
S
S
S
T
T
T
T
B, C, D
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com