Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS9599 Datasheet(PDF) 2 Page - UMPCO, Inc.

Part # AS9599
Description  BRACKET, ANGLE, 90째, ALLOY STEEL UNS G41300, CADMIUM PLATED .190 X .375 BOLT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

AS9599 Datasheet(HTML) 2 Page - UMPCO, Inc.

  AS9599 Datasheet HTML 1Page - UMPCO, Inc. AS9599 Datasheet HTML 2Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
02/13/09
AS9599
BRACKET, ANGLE, 90°, ALLOY STEEL UNS G41300,
CADMIUM PLATED .190 X .375 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
B
0.562
0.625
0.688
0.750
0.812
0.875
0.875
1.000
1.062
1.125
LENGTH
0.438
-005
-035
-065
-095
-125
-155
-185
-215
-245
-275
0.500
-006
-036
-066
-096
-126
-156
-186
-216
-246
-276
0.562
-007
-037
-067
-097
-127
-157
-187
-217
-247
-277
0.625
-008
-038
-068
-098
-128
-158
-188
-218
-248
-278
0.688
-009
-039
-069
-099
-129
-159
-189
-219
-249
-279
0.750
-010
-040
-070
-100
-130
-160
-190
-220
-250
-280
0.812
-011
-041
-071
-101
-131
-161
-191
-221
-251
-281
0.875
-012
-042
-072
-102
-132
-162
-192
-222
-252
-282
0.938
-013
-043
-073
-103
-133
-163
-193
-223
-253
-283
1.000
-014
-044
-074
-104
-134
-164
-194
-224
-254
-284
1.062
-015
-045
-075
-105
-135
-165
-195
-225
-255
-285
1.125
-016
-046
-076
-106
-136
-166
-196
-226
-256
-286
1.188
-017
-047
-077
-107
-137
-167
-197
-227
-257
-287
1.250
-018
-048
-078
-108
-138
-168
-198
-228
-258
-288
1.312
-019
-049
-079
-109
-139
-169
-199
-229
-259
-289
1.375
-020
-050
-080
-110
-140
-170
-200
-230
-260
-290
1.438
-021
-051
-081
-111
-141
-171
-201
-231
-261
-291
1.500
-022
-052
-082
-112
-142
-172
-202
-232
-262
-292
B
1.188
1.250
1.312
1.375
1.438
1.500
1.625
1.750
1.875
2.000
LENGTH
0.438
-305
-335
-365
-395
-425
-455
-515
-575
-635
-695
0.500
-306
-336
-366
-396
-426
-456
-516
-576
-636
-696
0.562
-307
-337
-367
-397
-427
-457
-517
-577
-637
-697
0.625
-308
-338
-368
-398
-428
-458
-518
-578
-638
-698
0.688
-309
-339
-369
-399
-429
-459
-519
-579
-639
-699
0.750
-310
-340
-370
-400
-430
-460
-520
-580
-640
-700
0.812
-311
-341
-371
-401
-431
-461
-521
-581
-641
-701
0.875
-312
-342
-372
-402
-432
-462
-522
-582
-642
-702
0.938
-313
-343
-373
-403
-433
-463
-523
-583
-643
-703
1.000
-314
-344
-374
-404
-434
-464
-524
-584
-644
-704
1.062
-315
-345
-375
-405
-435
-465
-525
-585
-645
-705
1.125
-316
-346
-376
-406
-436
-466
-526
-586
-646
-706
1.188
-317
-347
-377
-407
-437
-467
-527
-587
-647
-707
1.250
-318
-348
-378
-408
-438
-468
-528
-588
-648
-708
1.312
-319
-349
-379
-409
-439
-469
-529
-589
-649
-709
1.375
-320
-350
-380
-410
-440
-470
-530
-590
-650
-710
1.438
-321
-351
-381
-411
-441
-471
-531
-591
-651
-711
1.500
-322
-352
-382
-412
-442
-472
-532
-592
-652
-712
DASH NUMBERS
TABLE 1 - DASH NUMBERS AND DIMENSIONS
A-LENGTH
DASH NUMBERS
A-LENGTH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com