Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS9601 Datasheet(PDF) 1 Page - UMPCO, Inc.

Part # AS9601
Description  BRACKET, ANGLE 90째, CRES UNS S41000 .190 X .250 BOLT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

AS9601 Datasheet(HTML) 1 Page - UMPCO, Inc.

  AS9601 Datasheet HTML 1Page - UMPCO, Inc. AS9601 Datasheet HTML 2Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
02/05/09
AS9601
BRACKET, ANGLE 90°, CRES UNS S41000
.190 X .250 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
DIRECTION OF GRAIN
(SEE NOTE 4)
R .510/.490
Ø .210/.200
B
.205
.195
MARK PART
NUMBER AND
MANUFACTURER’S
IDENTIFICATION
PER AS478 CLASS D
.510
.490
A
R .135/.115
MS9601-XXX
.255
.245
.068
.058
95°
85°
.235
.225
R .510/.490
Ø .270/.260
NOTES:
1.
MATERIAL: CORROSION RESISTANT STEEL PER AMS 5504 (UNS S41000).
2.
HARDNESS: 30-38 HRC.
3.
FINISH: HEAT TREATMENT AND CLEANING IN ACCORDANCE WITH AMS 2550.
4.
GRAIN FLOW SHALL BE PARALLEL WITH ROLLING DIRECTION.
5.
REMOVE BURRS AND BREAK SHARP EDGES .003 -.015, UNLESS OTHERWISE SPECIFIED.
6.
DIMENSIONING AND TOLERANCES PER ANSI Y14.5M-1982
7.
DIMENSIONS ARE IN INCHES
8.
DO NOT USE UNASSIGNED PART NUMBERS
9.
APPROXIMATE MASS LB/100 = .877 (A+B) + .145
FIGURE 1 - ANGLE BRACKET
B
.490 - .510
.552 - .572
.615 - .635
.678 - .698
.740 - .760
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9601-005
MS9601-035
MS9601-065
MS9601-095
MS9601-125
0.490 - 0.510
MS9601-006
MS9601-036
MS9601-066
MS9601-096
MS9601-126
0.552 - 0.572
MS9601-007
MS9601-037
MS9601-067
MS9601-097
MS9601-127
0.615 - 0.635
MS9601-008
MS9601-038
MS9601-068
MS9601-098
MS9601-128
0.678 - 0.698
MS9601-009
MS9601-039
MS9601-069
MS9601-099
MS9601-129
0.740 - 0.760
MS9601-010
MS9601-040
MS9601-070
MS9601-100
MS9601-130
0.802 - 0.822
MS9601-011
MS9601-041
MS9601-071
MS9601-101
MS9601-131
0.865 - 0.885
MS9601-012
MS9601-042
MS9601-072
MS9601-102
MS9601-132
0.928 - 0.948
MS9601-013
MS9601-043
MS9601-073
MS9601-103
MS9601-133
0.990 - 1.010
MS9601-014
MS9601-044
MS9601-074
MS9601-104
MS9601-134
1.052 - 1.072
MS9601-015
MS9601-045
MS9601-075
MS9601-105
MS9601-135
1.115 - 1.135
MS9601-016
MS9601-046
MS9601-076
MS9601-106
MS9601-136
1.178 - 1.198
MS9601-017
MS9601-047
MS9601-077
MS9601-107
MS9601-137
1.240 - 1.260
MS9601-018
MS9601-048
MS9601-078
MS9601-108
MS9601-138
1.302 - 1.322
MS9601-019
MS9601-049
MS9601-079
MS9601-109
MS9601-139
1.365 - 1.385
MS9601-020
MS9601-050
MS9601-080
MS9601-110
MS9601-140
1.428 - 1.448
MS9601-021
MS9601-051
MS9601-081
MS9601-111
MS9601-141
1.490 - 1.510
MS9601-022
MS9601-052
MS9601-082
MS9601-112
MS9601-142
TABLE 1 -PART NUMBERS AND DIMENSIONS
A - LENGTH


Similar Part No. - AS9601

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
AS9600 UMPCO-AS9600 Datasheet
69Kb / 2P
BRACKET,, ANGLE 90째, CORROSION AND HEAT RESISTANT STEEL UNS S41000, .190 BOLT
AS9603 UMPCO-AS9603 Datasheet
70Kb / 2P
BRACKET,, ANGLE 90째, CRES UNS S41000, .190 X .375 BOLT
More results

Similar Description - AS9601

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
AS9592 UMPCO-AS9592 Datasheet
69Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 BOLT
AS9593 UMPCO-AS9593 Datasheet
70Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .250 BOLT
AS9594 UMPCO-AS9594 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .312 BOLT
AS9595 UMPCO-AS9595 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .375 BOLT
AS9600 UMPCO-AS9600 Datasheet
69Kb / 2P
BRACKET,, ANGLE 90째, CORROSION AND HEAT RESISTANT STEEL UNS S41000, .190 BOLT
AS9603 UMPCO-AS9603 Datasheet
70Kb / 2P
BRACKET,, ANGLE 90째, CRES UNS S41000, .190 X .375 BOLT
MS9102 UMPCO-MS9102 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .250 BOLT
MS9166 UMPCO-MS9166 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 X .250 BOLT
MS9229 UMPCO-MS9229 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, AMS 5504, .190 X .250 BOLT
MS9366 UMPCO-MS9366 Datasheet
66Kb / 1P
BRACKET-FLAT, CRES AMS 5510, .190 x .250 BOLT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com