Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN101C73D Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MN101C73D
Description  MN101C73A, MN101C73D
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101C73D Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MN101C73D Datasheet HTML 1Page - Panasonic Semiconductor MN101C73D Datasheet HTML 2Page - Panasonic Semiconductor MN101C73D Datasheet HTML 3Page - Panasonic Semiconductor MN101C73D Datasheet HTML 4Page - Panasonic Semiconductor MN101C73D Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RAM (
×××××8-bit)
ROM (
×××××8-bit)
32 K
Type
MN101C73A (under development)
Package
64 K
1.5 K
2 K
TQFP064-P-1010C *Lead-free, LQFP064-P-1414 *Lead-free (under planning)
MN101C73D (under planning)
MN101C73A , MN101C73D
Minimum Instruction
Execution Time
0.1
µs (at 3.0 V to 3.6 V, 10 MHz)
0.235
µs (at 1.8 V to 3.6 V, 4.25 MHz)
62.5
µs (at 1.8 V to 3.6 V, 32 kHz)
* The lower limit for operation guarantee for flash memory built-in type is 2.2 V.
Interrupts
• RESET • Watchdog • External 0 • External 1 • External 2 • External 3 • External 4 • External 5
• External 6 (key interrupt dedicated) • Timer 0 • Timer 1 • Timer 2 • Timer 3 • Timer 6 • Time base
• Timer 7 (2 systems) • Timer 8 (2 systems) • Serial 0 (2 systems) • Serial 1 (2 systems) • Serial 3
• A/D conversion finish
Timer Counter
Timer counter 0 : 8-bit
× 1
(square-wave/8-bit PWM output, event count, generation of remote control carrier, simple pulse width
measurement, added pluse (2-bit) system PWM output) (square-wave/PWM output to large current terminal P50
possible)
Clock source ····················· 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of OSC oscillation
clock frequency; 1/1 of XI oscillation clock frequency; external clock input
Interrupt source ················· coincidence with compare register 0
Timer counter 1 : 8-bit
× 1 (square-wave output, event count, synchronous output event)
Clock source ····················· 1/2, 1/8 of system clock frequency; 1/1, 1/4, 1/16, 1/64, 1/128 of OSC oscillation
clock frequency; 1/1 of XI oscillation clock frequency; external clock input; timer
counter 8 output
Interrupt source ················· coincidence with compare register 1
Timer counter 0, 1 can be cascade-connected.
Timer counter 2 : 8-bit
× 1
(square-wave output, added pluse (2-bit) system PWM output, PWM output, serial transfer clock output, event
count, synchronous output event, simple pulse width measurement) (square-wave/PWM output to large current
terminal P51 possible)
Clock source ····················· 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of OSC oscillation
clock frequency; 1/1 of XI oscillation clock frequency; external clock input
Interrupt source ················· coincidence with compare register 2
Timer counter 3 : 8-bit
× 1
(square-wave output, event count, serial transfer clock)
Clock source ····················· 1/2, 1/8 of system clock frequency; 1/1, 1/4, 1/16, 1/64, 1/128 of OSC oscillation
clock frequency; 1/1 of XI oscillation clock frequency; external clock input
Interrupt source ················· coincidence with compare register 3
Timer counter 2, 3 can be cascade-connected.
Timer counter 6 : 8-bit freerun timer
Clock source ····················· 1/1 of system clock frequency; 1/1, 1/128, 1/8192 of OSC oscillation clock
frequency; 1/1, 1/128, 1/8192 of XI oscillation clock frequency
Interrupt source ················· coincidence with compare register 6
MAD00047BEM


Similar Part No. - MN101C73D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101C73 PANASONIC-MN101C73 Datasheet
334Kb / 3P
MN101C73 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com