Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4100V Datasheet(PDF) 13 Page - New Japan Radio

Part # NJW4100V
Description  Lithium-ion Battery Charger Controller IC with Timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4100V Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJW4100V Datasheet HTML 9Page - New Japan Radio NJW4100V Datasheet HTML 10Page - New Japan Radio NJW4100V Datasheet HTML 11Page - New Japan Radio NJW4100V Datasheet HTML 12Page - New Japan Radio NJW4100V Datasheet HTML 13Page - New Japan Radio NJW4100V Datasheet HTML 14Page - New Japan Radio NJW4100V Datasheet HTML 15Page - New Japan Radio NJW4100V Datasheet HTML 16Page - New Japan Radio NJW4100V Datasheet HTML 17Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
NJW4100
-13 -
Ver.2005-01-20
■FEATURE DESCRIPTION (CONTINUED)
7. Reference Voltage Block (VREF pin)
This block generates 1.24V and 4.2V reference voltages. The VREF pin outputs 1.24V. In addition to the IC internal
reference voltage, this is also used as a reference voltage for charge current setting and temperature detection setting.
8. Power Block,
Under Voltage Lockout Circuit (UVLO) Block (V
+ pin, GND pin)
An integrated
Under Voltage Lockout circuit prevents IC malfunction when power is turned on or off. This circuit
incorporates a 200mV hysteresis width to prevent chattering.
As required, insert a bypass capacitor near the IC's V
+ pin when there is power line noise or when wires are long.
9. LED Block (LED-R pin, LED-G pin)
The 2 LEDs can indicate charge status. (Figure 5)
The LED drive circuit is an open collector output configuration.
Therefore, it is easy to set a constant LED drive current with resistance values.
The expression for setting the current that flows through the LEDs is shown below.
ILED-G ≒ (Vcc - VF-LED - VOL-G) / RLED
or
ILED-R ≒ (Vcc - VF-LED - VOL-R) / RLED
Figure 5. LED Drive Circuit
LED-G
LED-R
Input
VF-LED
ILED
RLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com