Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201X104F100CT Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201X104F100CT
Description  High capacitance in given case size
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201X104F100CT Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  0201X104F100CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 0201X104F100CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 0201X104F100CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 0201X104F100CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 0201X104F100CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0201X104F100CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0201X104F100CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0201X104F100CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0201X104F100CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 1 of 22
ASC_General Purpose_001AE_AS
May. 2019
*Contents in this sheet are subject to change without prior notice.
MULTILAYER CERAMIC CAPACITORS
General Purpose Series (4V to 100V)
0201 to 1812 Sizes
NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics
Halogen Free & RoHS Compliance


Similar Part No. - 0201X104F100CT

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
0201X104F WALSIN-0201X104F Datasheet
5Mb / 22P
MULTILAYER CERAMIC CAPACITORS
Apr. 2021
logo
Multicomp Pro
0201X104F MULTICOMP-0201X104F Datasheet
1Mb / 29P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
08/05/25 V1.0
0201X104F4R0CG MULTICOMP-0201X104F4R0CG Datasheet
1Mb / 28P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
12/05/25 V1.0
0201X104F4R0CT MULTICOMP-0201X104F4R0CT Datasheet
1Mb / 28P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
12/05/25 V1.0
0201X104F6R3CG MULTICOMP-0201X104F6R3CG Datasheet
1Mb / 28P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
12/05/25 V1.0
More results

Similar Description - 0201X104F100CT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
Ultra High Capacitance, Small Case Size Options
SLPX CDE-SLPX Datasheet
376Kb / 9P
Small case size with high capacitance
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
High Capacitance per Case Size
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
Higher Capacitance per Case Size
logo
WALSIN TECHNOLOGY CORPO...
1808N100J202CT WALSIN-1808N100J202CT Datasheet
3Mb / 13P
High voltage in a given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
High capacitance in given case size
OP31B102K201CT WALSIN-OP31B102K201CT Datasheet
2Mb / 10P
High voltage in a given case size
logo
Mallory Sonalert Produc...
PA-22034-01-BLACK MSPI-PA-22034-01-BLACK Datasheet
338Kb / 1P
Case Size T1
PA-22034-02-BLUE MSPI-PA-22034-02-BLUE Datasheet
337Kb / 1P
Case Size T2
PA-22034-04-BLACK MSPI-PA-22034-04-BLACK Datasheet
338Kb / 1P
Case Size T2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com