Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT240PD Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RT240PD
Description  Preliminary 10W Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT240PD Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RT240PD Datasheet HTML 2Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 3Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 4Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 5Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 6Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 7Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 8Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 9Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
P
Pr
re
elliim
miin
na
ar
ry
y 1
10
0W
W
R
RT
T2
24
40
0P
PD
D
P
Po
ow
we
er
r T
Tr
ra
an
nssiisstto
or
r
All specifications may change without notice.
www.rfhic.com
Measure Data ( 2.14GHz )
( S-Parameter )
( OIP3 )
( WCDMA 2FA 28dBm @ -5MHz, -10MHz offset )
( WCDMA 2FA 28dBm @ +5MHz, +10MHz offset )



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com