Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARS3501 Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # ARS3501
Description  HIGH CURRENT PLASTIC SILICON RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

ARS3501 Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  ARS3501 Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd ARS3501 Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd ARS3501 Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AR/ARS35005 THRU AR/ARS3510
HIGH CURRENT PLASTIC SILICON RECTIFIER
REVERSE VOLTAGE:
50 to 1000 VOLTS
FORWARD CURRENT:
35.0 AMPERE
FEATURES
· Plastic material has Underwriters Laboratory
RAS
RA
Flammability Classification 94V-0
· Low cost construction utilizing void-free molded
plastic technique
· Low cost
· Diffused junction
· High surge current capability
· Low leakage
· High temperature soldering guaranteed:
250°C for 10 seconds
MECHANICAL DATA
Case: Molded plastic, RA/RAS
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color ring denotes cathode end
Mounting position: Any
Weight: 0.07ounce, 1.8gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
AR35005
AR3501
AR3502
AR3504
AR3506
AR3508
AR3510
ARS35005
ARS3501
ARS3502
ARS3504
ARS3506
ARS3508
ARS3510
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
at TC=150℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage
at 35.0A DC and 25℃
Maximum Reverse Current
at TC=25℃
at Rated DC Blocking Voltage
TC=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJC
℃/W
Maximum Reverse Recovery Time (Note 3)
TRR
uS
Operating and Storage Temperature Range
TJ,Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
3- Thermal Resistance from Junction to Case, Singe Side Cooled.
VF
35
500
Symbols
Dimensions in inches and (millimeters)
Units
IR
Amp
Amp
Volts
uAmp
1.0
I(AV)
IFSM
3
-55 to +175
5.0
250
300
1
.346(8.8)
.327(8.2)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com