Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA110 Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # P4SMA110
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

P4SMA110 Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  P4SMA110 Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd P4SMA110 Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd P4SMA110 Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd P4SMA110 Datasheet HTML 4Page - Nantong Hornby Electronic Co.,Ltd P4SMA110 Datasheet HTML 5Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P4SMA SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
REVERSE VOLTAGE:
6.8 to 440 VOLTS
PEAK PULSE POWER:
400 WATTS
FEATURES
· Plastic package has Underwriters Laboratory
DO-214AC(SMA)
Flammability Classification 94V-0
· 400W peak pulse power capability on 10/1000µs
waveform, repetition rate (duty cycle): 0.01%
(25.4) 1.0
· Excellent clamping capability
MIN
· Low incremental surge resistance
· Very fast response time
(9.5) .375
MECHANICAL DATA
(7.2) .285
Case: Molded plastic, DO-214AC(SMA)
.210 (5.3)
Terminals: Axial leads, solderable per MIL-STD-750,
(25.4) 1.0
.190 (4.8)
method 2026 guaranteed
MIN
Polarity: Color band denotes cathode except bipolar
Packaging: 12mm tape per EIA STD RS-481
Weight: 0.002 ounce, 0.064 gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Peak power dissipation with a 10/1000µs waveform (Note 1 , 2) (Fig. 1)
Peak pulse current with a 10/1000µs waveform (Note 1) (Fig. 3)
Power dissipation on infinite heatsink, TA = 50°C
Peak forward surge current, 8.3ms
single half sine-wave unidirectional only (Note 2)
Maximum instantaneous forward voltage
at 25A for unidirectional only (Note 4)
Thermal resistance junction to leads
Thermal resistance junction to ambient air (Note 3)
Operating junction and storage temperature range
NOTES:
1- Non-repetitive current pulse, per Fig. 3 and derated above TA = 25°C per Fig. 2. Rating is 300W above 91V.
2- Mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pads to each terminal
3- Mounted on minimum recommended pad layout
4- VF = 3.5V for P4SMA200(A) & below; VF = 6.5V for P4SMA220(A) & above
Devices for Bidirectional Applications:
1- For bi-directional, use C or CA suffix for types P4SMA6.8 thru types P4SMA440A(e.g. P4SMA6.8C, P4SMA440CA).
2- Electrical characteristics apply in both directions.
TJ,Tstg
30
1.0
VF
3.5/6.5
Volts
℃
120
–55 to +150
RθJL
RθJA
Units
Watts
Amp
Watts
Limit
Minimum 400
See Next Table
Amp
℃/W
℃/W
Dimensions in inches and (millimeters)
IFSM
40
Symbols
PPPM
IPPM
PM(AV)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com