Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH21F104F6R3CT Datasheet(PDF) 20 Page - WALSIN TECHNOLOGY CORPORATION

Part # SH21F104F6R3CT
Description  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH21F104F6R3CT Datasheet(HTML) 20 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SH21F104F6R3CT Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION SH21F104F6R3CT Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION SH21F104F6R3CT Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION SH21F104F6R3CT Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION SH21F104F6R3CT Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION SH21F104F6R3CT Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION SH21F104F6R3CT Datasheet HTML 22Page - WALSIN TECHNOLOGY CORPORATION SH21F104F6R3CT Datasheet HTML 23Page - WALSIN TECHNOLOGY CORPORATION SH21F104F6R3CT Datasheet HTML 24Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 20 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
No.
Item
Test Condition
Requirements
5. Insulation
Resistance
To apply rated voltage for MAX. 120sec.
10G
or RxC≧500 -F whichever is smaller.
Class II (X7R, X7E, X5R,X6S,X7S,Y5V:)
Rated voltage
Insulation
Resistance
100V: All X7R
10G
or
RxC≧100
-F
whichever is
smaller.
50V:0402>0.01µF;0603
≥1µF;0805≥1µF;1206≥4.7µF;1210≥4.7µF
35V:0805
≥2.2µF;1206≧2.2µF;1210≧10µF
25V:0402
≥1µF;0603≥2.2µF;0805≥2.2µF;1206≥10µF;1210≥10µF
16V: 0201
≥0.1µF,0402≥0.22µF;0603≥1µF;
0805
≥2.2µF;1206≥10µF;1210≥47µF
10V:0201
≥47nF;0402≥0.47µF;0603≥0.47µF;0805≥2.2µF;
1206
≥4.7µF;1210≥47µF
6.3V ; 4V ; TT series; Size
≥1812
Rated voltage
Insulation
Resistance
All X6S items, All X7S items
RxC≧50
-F.
100V: 1210
≥3.3µF
50V: 0402
≥0.1µF; 0603≥2.2µF; 0805≥10µF;1206≥10µF
35V: 0603
≥1µF;
25V: 0201
≥0.1µF; 0402≥2.2µF;0603≥10µF; 0805≥10µF;1206≥22µF
16V: 0603
≥10µF; 0402≥1µF; 0201≥0.22µF
10V: 0201>0.1µF; 0402
≥1µF; 0603≥10µF; 0805≥47µF; TT21>4.7µF
6.3V: 0201
≥0.1µF; 0402≥1µF;0603>4.7µF;0805≥47µF;1206≥10µF;
TT15>1.0µF
4V:0603
≥22µF; 0805≥47µF; 1206≥100µF
Rated voltage:
200~630V
To apply rated voltage
(500V max.) for 60 sec.
≥10G or RxC≥100 -F whichever is smaller
Rated voltage:
>630V
To apply 500V for 60
sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com