Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF-G2 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # DF-G2
Description  DF-G2 High Speed Expert??Dual Display Fiber Amplifier with IO Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DF-G2 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  DF-G2 Datasheet HTML 1Page - Banner Engineering Corp. DF-G2 Datasheet HTML 2Page - Banner Engineering Corp. DF-G2 Datasheet HTML 3Page - Banner Engineering Corp. DF-G2 Datasheet HTML 4Page - Banner Engineering Corp. DF-G2 Datasheet HTML 5Page - Banner Engineering Corp. DF-G2 Datasheet HTML 6Page - Banner Engineering Corp. DF-G2 Datasheet HTML 7Page - Banner Engineering Corp. DF-G2 Datasheet HTML 8Page - Banner Engineering Corp. DF-G2 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Quick Start Guide
Advanced Sensor with Dual Discrete Outputs and IO-Link Communication for Use with Plastic and Glass Fiber Optic Assemblies
To view or download the latest technical information about this product, including specifications, dimensions, accessories, and
wiring, see
www.bannerengineering.com.
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or
death. This device does not include the self-checking redundant circuitry necessary to allow its use in
personnel safety applications. A sensor failure or malfunction can cause either an energized or de-energized
sensor output condition.
Overview
Figure 1. DF-G2 IO Link Model Features
1. Output LED
2. CH1/CH2 Switch
3. RUN/PRG/ADJ Mode Switch
4. Lever Action Fiber Clamp
5. Red Signal Level
6. Green Threshold
7. +/SET/- Rocker Button
Models
Model
Sensing Beam Color
Reference Sensing Range1
Channel 1
Channel 2
Connector2
DF-G2-KD-2M
Visible Red
1100 mm
IO-Link, push/pull
output
PNP only output, or
input
2 m (6.5 ft) cable, 4-wire
DF-G2IR-KD-2M
Infrared
2100 mm
Installation Instructions
Mounting Instructions
Mount on a DIN Rail
1. Hook the DIN rail clip on the bottom of the DF-G2 over
the edge of the DIN rail (1).
2. Push the DF-G2 up on the DIN rail (1).
3. Pivot the DF-G2 onto the DIN rail, pressing until it snaps
into place (2).
1 Excess gain = 1, Long Range response speed, opposed mode sensing. PIT46U plastic fiber used for visible LED models, IT.83.3ST5M6 glass fiber used for
IR model
2 Connector options:
•
A model with a QD connector requires a mating cordset
•
For 150 mm (6 in) PVC, M8 Pico QD connector, 4-pin change the suffix 2M to Q3 in the 2 m model number (example, DF-G2-KD-Q3)
•
For 150 mm (6 in) PVC, M12 Euro QD connector, 4-pin change the suffix 2M to Q5 in the 2 m model number (example, DF-G2-KD-Q5)
•
For integral M8 Pico QD connector, 4-pin change the suffix 2M to Q7 in the 2 m model number (example, DF-G2-KD-Q7)
DF-G2 High Speed Expert™ Dual Display Fiber
Amplifier with IO Link
Original Document
193601 Rev. B
19 March 2019
193601


Similar Part No. - DF-G2

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DF-G2 BANNER-DF-G2 Datasheet
677Kb / 9P
DF-G2 High Speed Expert??Dual Display Small Object Counter
DF-G2-NC-2M BANNER-DF-G2-NC-2M Datasheet
677Kb / 9P
DF-G2 High Speed Expert??Dual Display Small Object Counter
DF-G2-NC-Q5 BANNER-DF-G2-NC-Q5 Datasheet
677Kb / 9P
DF-G2 High Speed Expert??Dual Display Small Object Counter
DF-G2-NC-Q7 BANNER-DF-G2-NC-Q7 Datasheet
677Kb / 9P
DF-G2 High Speed Expert??Dual Display Small Object Counter
DF-G2-PC-2M BANNER-DF-G2-PC-2M Datasheet
677Kb / 9P
DF-G2 High Speed Expert??Dual Display Small Object Counter
More results

Similar Description - DF-G2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA3031 ONSEMI-FSA3031 Datasheet
870Kb / 15P
Dual High-Speed USB2.0 with Mobile High-Definition Link
November 2012 Rev. 1.0.4
logo
Banner Engineering Corp...
DF-G2 BANNER-DF-G2_V01 Datasheet
677Kb / 9P
DF-G2 High Speed Expert??Dual Display Small Object Counter
DF-G2X-KD-Q5 BANNER-DF-G2X-KD-Q5 Datasheet
115Kb / 1P
DF-G2x-KD-Q5 Expert
DF-G3 BANNER-DF-G3 Datasheet
1Mb / 11P
DF-G3 Long Range Expert Dual Display Fiber Amplifier with Dual Discrete Outputs and IO Link
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
IO-Link master
ICE1-8IOL-G60L-V1D PF-ICE1-8IOL-G60L-V1D Datasheet
969Kb / 4P
IO-Link master
logo
Maxim Integrated Produc...
MAXREFDES177 MAXIM-MAXREFDES177 Datasheet
1,017Kb / 17P
IO Link Universal Analog IO
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com